Electronic Components Datasheet Search
  English  ▼

X  

ADF4368 Datasheet(PDF) 49 Page - Analog Devices

Part # ADF4368
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4368 Datasheet(HTML) 49 Page - Analog Devices

Back Button ADF4368 Datasheet HTML 45Page - Analog Devices ADF4368 Datasheet HTML 46Page - Analog Devices ADF4368 Datasheet HTML 47Page - Analog Devices ADF4368 Datasheet HTML 48Page - Analog Devices ADF4368 Datasheet HTML 49Page - Analog Devices ADF4368 Datasheet HTML 50Page - Analog Devices ADF4368 Datasheet HTML 51Page - Analog Devices ADF4368 Datasheet HTML 52Page - Analog Devices ADF4368 Datasheet HTML 53Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 54 page
background image
Data Sheet
ADF4368
REGISTER DETAILS
analog.com
Rev. 0 | 49 of 54
Figure 106.
Table 75. Bit Descriptions for REG0040
Bits
Bit Name
Description
Reset
Access
[7:6]
REG40_RSV1
Reserved.
0x0
R/W
[5:3]
MUTE_CLKOUT2
Mute Control for the Output Buffer 2.
0x0
R/W
[2:0]
MUTE_CLKOUT1
Mute Control for the Output Buffer 1.
0x0
R/W
Address: 0x43, Reset: 0x00, Name: REG0043
Figure 107.
Table 76. Bit Descriptions for REG0043
Bits
Bit Name
Description
Reset
Access
7
REG43_RSV5
Reserved.
0x0
R/W
6
ADC_CLK_SEL
Select ADC Clock Source.
0x0
R/W
0: Use Rclk as ADC Clock Source (normal Operation).
1: Use SPI SCLK as ADC Clock Source (test Mode).
5
REG43_RSV4
Reserved.
0x0
R/W
4
REG43_RSV3
Reserved.
0x0
R/W
3
REG43_RSV2
Reserved.
0x0
R/W
[2:0]
REG43_RSV1
Reserved.
0x0
R/W
Address: 0x4E, Reset: 0x00, Name: REG004E
Figure 108.
Table 77. Bit Descriptions for REG004E
Bits
Bit Name
Description
Reset
Access
[7:6]
REG4E_RSV2
Reserved.
0x0
R/W
[5:4]
DCLK_DIV1
Controls Div_Rclk Div1 Div_Nclk Div1.
0x0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com