Electronic Components Datasheet Search
  English  ▼

X  

ADF4368 Datasheet(PDF) 22 Page - Analog Devices

Part # ADF4368
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4368 Datasheet(HTML) 22 Page - Analog Devices

Back Button ADF4368 Datasheet HTML 18Page - Analog Devices ADF4368 Datasheet HTML 19Page - Analog Devices ADF4368 Datasheet HTML 20Page - Analog Devices ADF4368 Datasheet HTML 21Page - Analog Devices ADF4368 Datasheet HTML 22Page - Analog Devices ADF4368 Datasheet HTML 23Page - Analog Devices ADF4368 Datasheet HTML 24Page - Analog Devices ADF4368 Datasheet HTML 25Page - Analog Devices ADF4368 Datasheet HTML 26Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 54 page
background image
Data Sheet
ADF4368
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 22 of 54
LOOP FILTER DESIGN
A stable loop filter design requires care in selecting the loop filter
components of the ADF4368. It is recommended to download
and install ADIsimPLL™ for loop filter design and simulation. ADI-
simPLL™ has an integrated tutorial for first time users and a help
manual for more complex topics. There are also several ADIsimPLL
training videos available on www.analog.com. After a loop filter is
designed and simulated, it is recommended to verify the new loop
filter using the ADF4368 evaluation hardware.
A full loop filter design tutorial is beyond the scope of this data
sheet. However, some best practices are shown in the following
lists. ADIsimPLL aids in defining and simulating these parameters.
Any significant change to these items requires a new loop filter
design.
A stable loop filter must meet the following criteria:
►
Loop filter phase margin > 45°
►
Loop filter bandwidth < fPFD ÷ 10
The desired loop filter bandwidth is determined by the following
features of the ADF4368:
►
ICP
►
KVCO
►
PFD frequency
►
Reference input phase noise (see the Reference Phase Noise
section)
►
Trade-off between minimizing jitter or settling time (see the
Output Phase Noise Characteristics section and Equation 12,
respectively)
The VTUNE pin has an internal 30 pf capacitor to GND that must
be included in the loop filter design. ADIsimPLL™ takes this internal
capacitance into account automatically.
REFERENCE SOURCE CONSIDERATIONS
Reference Input Network
The reference input buffer of the ADF4368, shown in Figure 34,
provides a flexible interface to either differential or single-ended
frequency sources. Figure 43 to Figure 48 show recommended
interfaces for different reference signal types. All Z0 signal traces
are 50 Ω transmission lines in Figure 43, Figure 44, Figure 45,
Figure 46, Figure 47, and Figure 48.
Figure 43. Single-Ended 50 Ω Source (VREF < 2.6 V p-p)
Figure 44. Single-Ended 50 Ω Source (VREF > 2.6 V p-p)
Figure 45. Single-Ended CMOS
Figure 46. Differential LVPECL
Figure 47. Differential LVDS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com