Electronic Components Datasheet Search
  English  ▼

X  

ADF4368 Datasheet(PDF) 24 Page - Analog Devices

Part # ADF4368
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4368 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADF4368 Datasheet HTML 20Page - Analog Devices ADF4368 Datasheet HTML 21Page - Analog Devices ADF4368 Datasheet HTML 22Page - Analog Devices ADF4368 Datasheet HTML 23Page - Analog Devices ADF4368 Datasheet HTML 24Page - Analog Devices ADF4368 Datasheet HTML 25Page - Analog Devices ADF4368 Datasheet HTML 26Page - Analog Devices ADF4368 Datasheet HTML 27Page - Analog Devices ADF4368 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 54 page
background image
Data Sheet
ADF4368
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 24 of 54
a. Set the SDO_ACTIVE and CMOS_OV bits to a desired
state for future readback operations.
b. Program all register addresses in descending order,
REG0053 to REG0010. There are several required re-
served register field settings provided in Table 19 that are
required for proper device operation.
4. The ADF4368 remains in power-down mode until the PD_ALL
bit is programmed to 0. After PD_ALL is disabled, wait at least
10 μs for the VCO calibration circuitry and other circuit blocks to
settle before starting a VCO calibration.
5. A write to REG0010 starts a VCO autocalibration. At this point,
the device is fully operational and new frequencies can be
programmed as often as desired. The following steps are infor-
mation for PD_ALL and CE pin.
6. Setting PD_ALL to 1 power down the ADF4368, retaining the
latest programmed SPI settings and full SPI programming capa-
bility.
7. If only the state of PD_ALL was modified in Step 6, setting
PD_ALL to 0 returns the ADF4368 to the frequency program-
med in Step 5. After a 10 μs wait, all circuit blocks are
completely powered up internally. This 10 μs wait does not
include the frequency settling time associated with the loop filter
bandwidth.
8. Toggling the CE pin level causes the ADF4368 to return to
full power-down mode and return the SPI registers to the POR
state (see Step 2 and Step 3).
Programming Procedure
There are two different methods to power up the ADF4368. The
most commonly used method provided in the Standard Power-Up
and Initialization Sequence, Automatic VCO Calibration section is
mandatory on the initial device power-up.
The method provided in the Fast Power-Up and Initialization, Man-
ually Programmed VCO Calibration Settings (Optional) section is an
optional power-up procedure after the initial power-up.
Standard Power-Up and Initialization
Sequence, Automatic VCO Calibration
The following standard power-up and initialization sequence is the
recommended procedure to power up and program the ADF4368:
1. Follow Step 1 through Step 5 in the Power-Up and Initialization
Sequence section.
2. It is optional to monitor the status of the VCO calibration bits,
ADC_BUSY and FSM_BUSY. A VCO calibration is completed
when ADC_BUSY transitions from high to low, followed by
FSM_BUSY transitioning from high to low. Typical automatic
VCO calibration times range from 3 ms to 9 ms.
3. After the VCO calibration is complete, disable the VCO
calibration clocks by setting EN_DRCLK = EN_DNCLK =
EN_ADC_CLK = 0. Disabling the VCO calibration clocks re-
duces unwanted spurious content.
4. The PLL is locked when the lock detector sets the LKDET pin
and the LOCKED bit high.
5. When changing the frequency, do the following steps:
a. Program only the modified registers in the descending or-
der.
b. Write REG0010 to start a new VCO autocalibration as the
final step whether it is modified or not.
Fast Power-Up and Initialization, Manually
Programmed VCO Calibration Settings
(Optional)
The purpose of the fast power-up and initialization method is to
avoid the automatic VCO calibration time, which is typically 3 ms
to 9 ms. For fixed clock frequency converter applications, automatic
VCO calibration times are typically acceptable. For fast frequency
hopping applications, much shorter lock time is needed.
The following list provides the steps to record the VCO calibration
results on the initial power-up and then to manually program VCO
calibration settings on subsequent power ups:
1. On initial power up, follow the procedure in the Standard Pow-
er-Up and Initialization Sequence, Automatic VCO Calibration
section.
2. Record calibration results from the VCO_CORE, VCO_BAND,
and VCO_BIAS bit fields for each target frequency and store
the recorded results in memory. Note that each unique device
and frequency combination generates different VCO_CORE,
VCO_BAND, and VCO_BIAS values.
3. Subsequent power-up and initialization sequences (see the
Power-Up and Initialization Sequence section) can bypass the
automatic VCO calibration procedure by programming the over-
ride (O_VCO_CORE, O_VCO_BAND, and O_VCO_BIAS) and
manual (M_VCO_CORE, M_VCO_BAND, and M_VCO_BIAS)
VCO bits with the register settings provided in Table 18. All
other bit fields are programmed as usual.
4. When changing the frequency, program only the modified regis-
ters in descending order.
Table 18. Manually Programmed VCO Calibration Settings
Bit Fields
Value
EN_AUTOCAL
0x0
EN_DRCLK
0x0
EN_DNCLK
0x0
EN_ADC_CLK
0x0
O_VCO_CORE
0x1
O_VCO_BAND
0x1
O_VCO_BIAS
0x1
M_VCO_CORE
Program with recorded values
M_VCO_BAND
Program with recorded values
M_VCO_BIAS
Program with recorded values



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com