Electronic Components Datasheet Search
  English  ▼

X  

ADF4368 Datasheet(PDF) 11 Page - Analog Devices

Part # ADF4368
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4368 Datasheet(HTML) 11 Page - Analog Devices

Back Button ADF4368 Datasheet HTML 7Page - Analog Devices ADF4368 Datasheet HTML 8Page - Analog Devices ADF4368 Datasheet HTML 9Page - Analog Devices ADF4368 Datasheet HTML 10Page - Analog Devices ADF4368 Datasheet HTML 11Page - Analog Devices ADF4368 Datasheet HTML 12Page - Analog Devices ADF4368 Datasheet HTML 13Page - Analog Devices ADF4368 Datasheet HTML 14Page - Analog Devices ADF4368 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
Data Sheet
ADF4368
TYPICAL PERFORMANCE CHARACTERISTICS
analog.com
Rev. 0 | 11 of 54
Figure 6. Open Loop VCO Phase Noise vs. Offset Frequency at Various
Frequencies
Figure 7. 12 GHz Open Loop VCO Phase Noise vs. Offset Frequency at
Various Temperatures
Figure 8. 1 kHz to 100 MHz Integrated Jitter in Fractional Mode fPFD = 250 MHz
Figure 9. 1 kHz to 100 MHz Integrated Jitter in Integer Mode fPFD = 500 MHz
Figure 10. Close Loop Phase Noise at Various Frequencies
Figure 11. LNORM-INT vs. Bleed Setting



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com