Electronic Components Datasheet Search
  English  ▼

X  

ADF4368 Datasheet(PDF) 20 Page - Analog Devices

Part # ADF4368
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4368 Datasheet(HTML) 20 Page - Analog Devices

Back Button ADF4368 Datasheet HTML 16Page - Analog Devices ADF4368 Datasheet HTML 17Page - Analog Devices ADF4368 Datasheet HTML 18Page - Analog Devices ADF4368 Datasheet HTML 19Page - Analog Devices ADF4368 Datasheet HTML 20Page - Analog Devices ADF4368 Datasheet HTML 21Page - Analog Devices ADF4368 Datasheet HTML 22Page - Analog Devices ADF4368 Datasheet HTML 23Page - Analog Devices ADF4368 Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 54 page
background image
Data Sheet
ADF4368
THEORY OF OPERATION
analog.com
Rev. 0 | 20 of 54
Figure 39. VCO and Clock Output Divider
The correct register values for the VCO_CORE, VCO_BAND, and
VCO_BIAS settings are determined by performing a VCO calibra-
tion. After a VCO calibration is performed for a specific device and
frequency, the VCO_CORE, VCO_BAND, and VCO_BIAS values
can be recorded. These recorded values may be programmed
manually on subsequent power ups when the same device and
frequency are used, thereby avoiding the VCO calibration time.
VCO Calibration
A VCO calibration is required to select the correct VCO core, band,
and bias settings for a specific VCO frequency. This procedure
assumes that the device is powered up, the desired reference
frequency is present on the REFP and REFN pins, and all other
registers are programmed correctly. Figure 40 and Figure 41 show
the visual aids for this procedure.
Figure 40. VCO Calibration Dividers
Figure 41. VCO Calibration Block
To perform a VCO calibration, set up several registers as outlined in
the following procedure:
1. Set DCLK_DIV1, , and DCLK_MODE to the values in Table 17.
Record fDIV_RCLK for later use.
2. Calculate and set the minimum values for
the SYNTH_LOCK_TIMEOUT bit fields, Bits[14:0],
the VCO_ALC_TIMEOUT bit fields, Bits[14:0], and
VCO_BAND_DIV bits. Typical automatic VCO calibration times
are 3 ms to 9 ms when minimum values are chosen for these
parameters. Larger values produce longer VCO calibration
times.
SYNTH_LOCK_TIMEOUT
 ≥ Ceiling
  200μs×fDIV_RCLK
(12)
VCO_ALC_TIMEOUT
 ≥ Ceiling
  50μs×fDIV_RCLK
(13)
VCO_BAND_DIV
 ≥ Ceiling
  15μs × fDIV_RCLK
16 × 2DCLK_MODE
(14)
3. Ensure that the ADC_CLK_DIV bits are set so that the desired
ADC clock frequency is <400 kHz:
ADC_CLK_DIV
>Ceiling
  fDIV_RCLK
400kHz −2
4
(15)
4. Set the N_INT, CLKOUT_DIV bits, R_DIV bits, and the
EN_RDBLR bit by programming REG0010 last. Any write to
REG0010 starts the VCO autocalibration.
5. Monitor the ADC_BUSY bit and FSM_BUSY bit. The calibration
is finished when ADC_BUSY transitions from high to low, fol-
lowed with FSM_BUSY transitioning from high to low.
6. After the VCO calibration is complete, disable the calibra-
tion clocks to limit unwanted spurious content by setting
EN_DRCLK = EN_DNCLK = EN_ADC_CLK = 0.
7. This is an optional step. Read back and record the VCO_CORE
bits, VCO_BAND bits, and VCO_BIAS bits. These values can
be used to bypass calibration and manually program the
M_VCO_CORE bits, M_VCO_BAND bits, and M_VCO_BIAS
bits for a given device and frequency.
Table 17. DCLK_DIV1 and DCLK_MODE Setup
fPFD (MHz)
DCLK_DIV1
DCLK_MODE
fDIV_RCLK (MHz)
≤160
0
1
fPFD/2
>160 and ≤320
1
1
fPFD/4
>320
2
1
fPFD/8
Clock Output Divider
A 2-bit divider, CLKOUT_DIV, is used to reduce the frequency seen
at the output buffer and feedback divider. Its divide ratio, O, may be
set to 1, 2, 4, or 8. Use the CLKOUT_DIV bits found in REG0011 to
directly program the O divide ratio. CLKOUT_DIV is located inside
the PLL loop. Therefore, any change to CLKOUT_DIV results in the
PLL losing lock for few loop time constants.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com