Electronic Components Datasheet Search
  English  ▼

X  

ADF4368 Datasheet(PDF) 3 Page - Analog Devices

Part # ADF4368
Description  Microwave Wideband Synthesizer with Integrated VCO
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADF4368 Datasheet(HTML) 3 Page - Analog Devices

  ADF4368 Datasheet HTML 1Page - Analog Devices ADF4368 Datasheet HTML 2Page - Analog Devices ADF4368 Datasheet HTML 3Page - Analog Devices ADF4368 Datasheet HTML 4Page - Analog Devices ADF4368 Datasheet HTML 5Page - Analog Devices ADF4368 Datasheet HTML 6Page - Analog Devices ADF4368 Datasheet HTML 7Page - Analog Devices ADF4368 Datasheet HTML 8Page - Analog Devices ADF4368 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 54 page
background image
Data Sheet
ADF4368
SPECIFICATIONS
analog.com
Rev. 0 | 3 of 54
V3.3V_1 = V3.3V_2 = 3.15 V to 3.45 V, VV5_VCO = VV5_CP = VV5_CAL = 4.75 V to 5.25 V, all voltages are with respect to GND, TA = −40°C to 105°C
operating temperature range, unless otherwise noted.
Table 1. Electrical Specifications
Parameter
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
REFERENCE INPUTS (REFP, REFN)
Input Frequency
fREF
10
4000
MHz
Input Signal Level
VREF
0.5
2.6
V p-p
Differential
Min Input Slew Rate
100
V/μs
Input Duty Cycle
50
%
Self-Bias Voltage
1.85
V
Input Resistance
3
kΩ
Differential
Input Capacitance
1
pF
Differential
Input Current
2
μA
REFERENCE PEAK DETECTOR
Input Frequency
10
4000
MHz
Minimum Input Signal Detected (REF_OK = 1)
200
mVpp
fREF = 100 MHz, single-ended sine wave
Maximum Input Signal Not Detected (REF_OK = 0)
160
mVpp
fREF = 100 MHz, single-ended sine wave
SYNC INPUTS (SYNCP, SYNCN)
Input Signal Level
VREF
0.41
2.61
V p-p
LVDS mode, differential
VREF
0.51
2.61
V p-p
CML mode, differential
Self-Bias Voltage
1.3
V
LVDS mode
1.85
V
CML mode
Input Resistance
3
kΩ
Differential
Input Capacitance
1
pF
Differential
Input Current
3
μA
REFERENCE DIVIDER (R)
R
1
63
All integers included
REFERENCE DOUBLER
Input Frequency
fRDBL
10
250
MHz
EN_RDBLR = 1
PHASE/FREQUENCY DETECTOR (PFD)
Input Frequency
fPFD
31
625
MHz
Integer mode
31
250
MHz
Fractional mode sync or non-sync
applications
31
2501
MHz
Fractional mode phase resync applications
when fOUT ≥ 3 GHz
751
2501
MHz
Fractional mode phase resync applications
when fOUT < 3 GHz
CHARGE PUMP (CP)
Output Current Range
ICP
0.79 to 11.1
mA
Set by CP_I
Output Current Source/Sink Accuracy
±2
%
All setting, = VCP = VV5_CP /2
Output Current Source/Sink Matching
±2
%
All setting, VCP = VV5_CP /2
Output Current vs. Output Volt Sensitivity
0.2
%V/V
1.4 V < VV5_CP < VCP-5V – 1.6 V
Output Current vs. Temperature
400
ppm/C
VCP = VV5_CP /2
Output High-Z Leakage Current
−0.01
μA
Minimum ICP, 1.4 V < VV5_CP < VCP-5V – 1.6 V
Output High-Z Leakage Current
−0.3
μA
Maximum ICP, 1.4 V < VV5_CP < VCP-5V – 1.6 V
VCO
Frequency Range
fVCO
6.4
12.8
GHz
Tuning Sensitivity2, 3
KVCO
0.75 to 1.25
%Hz/V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com