Electronic Components Datasheet Search
  English  ▼

X  

STGWA80H65DFBAG Datasheet(PDF) 5 Page - STMicroelectronics

Part # STGWA80H65DFBAG
Description  Automotive-grade trench gate field-stop 650 V, 80 A high speed HB series IGBT in a TO-247 long leads
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWA80H65DFBAG Datasheet(HTML) 5 Page - STMicroelectronics

  STGWA80H65DFBAG Datasheet HTML 1Page - STMicroelectronics STGWA80H65DFBAG Datasheet HTML 2Page - STMicroelectronics STGWA80H65DFBAG Datasheet HTML 3Page - STMicroelectronics STGWA80H65DFBAG Datasheet HTML 4Page - STMicroelectronics STGWA80H65DFBAG Datasheet HTML 5Page - STMicroelectronics STGWA80H65DFBAG Datasheet HTML 6Page - STMicroelectronics STGWA80H65DFBAG Datasheet HTML 7Page - STMicroelectronics STGWA80H65DFBAG Datasheet HTML 8Page - STMicroelectronics STGWA80H65DFBAG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
2.1
Electrical characteristics (curves)
Figure 1. Total power dissipation vs temperature
GADG211120221158PDT
500
400
300
200
100
0
25
75
125
175
PTOT
(W)
TC (°C)
VGE ≥ 15 V, TJ ≤ 175 °C
Figure 2. Collector current vs temperature
GADG211120221159CCT
150
120
90
60
30
0
25
75
125
175
IC
(A)
TC (°C)
VGE ≥ 15 V, TJ ≤ 175 °C
Figure 3. Typical output characteristics (TJ = 25 °C)
GADG211120221159OC25
250
200
150
100
50
0
0
1
2
3
4
5
IC
(A)
VCE (V)
7 V
9 V
11 V
13 V
VGE = 15 V
Figure 4. Typical output characteristics (TJ = 175 °C)
GADG211120221200OC175
250
200
150
100
50
0
0
1
2
3
4
5
IC
(A)
VCE (V)
7 V
11 V
9 V
13 V
VGE = 15 V
Figure 5. Typical VCE(sat) vs temperature
GADG211120221201VCET
2.0
1.8
1.6
1.4
1.2
1.0
-75
-25
25
75
125
175
VCE(sat)
(V)
TJ (°C)
IC = 80 A
IC = 40 A
VGE=15 V
Figure 6. Typical VCE(sat) vs collector current
GADG211120221201VCEC
3.0
2.5
2.0
1.5
1.0
0.5
0.0
0
50
100
150
200
250
VCE(sat)
(V)
IC (A)
TJ= -55 °C
TJ= 25 °C
TJ= 175 °C
VGE =15 V
STGWA80H65DFBAG
Electrical characteristics (curves)
DS14160 - Rev 1
page 5/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com