Electronic Components Datasheet Search
  English  ▼

X  

STGWA80H65DFBAG Datasheet(PDF) 6 Page - STMicroelectronics

Part # STGWA80H65DFBAG
Description  Automotive-grade trench gate field-stop 650 V, 80 A high speed HB series IGBT in a TO-247 long leads
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWA80H65DFBAG Datasheet(HTML) 6 Page - STMicroelectronics

Back Button STGWA80H65DFBAG Datasheet HTML 2Page - STMicroelectronics STGWA80H65DFBAG Datasheet HTML 3Page - STMicroelectronics STGWA80H65DFBAG Datasheet HTML 4Page - STMicroelectronics STGWA80H65DFBAG Datasheet HTML 5Page - STMicroelectronics STGWA80H65DFBAG Datasheet HTML 6Page - STMicroelectronics STGWA80H65DFBAG Datasheet HTML 7Page - STMicroelectronics STGWA80H65DFBAG Datasheet HTML 8Page - STMicroelectronics STGWA80H65DFBAG Datasheet HTML 9Page - STMicroelectronics STGWA80H65DFBAG Datasheet HTML 10Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Figure 7. Forward bias safe operating area
GADG211120221204FSOA
10 2
10 1
10 0
10 0
10 1
10 2
IC
(A)
VCE (V)
tp= 1 µs
tp= 10 µs
tp= 100 µs
tp= 1 ms
Single pulse, TC = 25 °C,
TJ ≤ 175 °C, VGE = 15 V
ICP
VCE(sat) limit
V(BR)CES
Figure 8. Collector current vs switching frequency
GADG211120221301CCS
160
120
80
40
0
10 0
10 1
10 2
IC
(A)
f (kHz)
TC= 80 °C
TC= 100 °C
Rectangular current shape (duty cycle = 0.5,
VGE= 0 to 15 V , Tj = 175 °C
VCC= 400 V, RG = 10 Ω,
Figure 9. Typical transfer characteristics
GADG211120221205TCH
250
200
150
100
50
0
5
6
7
8
9
10
IC
(A)
VGE (V)
TJ= 25 °C
TJ= 175 °C
VCE=5 V
Figure 10. Typical diode VF vs forward current
GADG211120221205DVF
3.0
2.5
2.0
1.5
1.0
0.5
0.0
0
50
100
150
200
250
VF
(V)
IF (A)
TJ= 175 °C
TJ= -55 °C
TJ= 25 °C
Figure 11. Normalized VGE(th) vs temperature
GADG211120221211NVGE
1.2
1.0
0.8
0.6
0.4
-75
-25
25
75
125
175
VGE(th)
(Norm.)
TJ (°C)
IC = 1 mA
VGE = VCE
Figure 12. Normalized V(BR)CES vs temperature
GADG211120221211NVBR
1.1
1.0
0.9
0.8
-75
-25
25
75
125
175
V(BR)CES
(Norm.)
TJ (°C)
IC = 1 mA
STGWA80H65DFBAG
Electrical characteristics (curves)
DS14160 - Rev 1
page 6/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com