Electronic Components Datasheet Search
  English  ▼

X  

STGWA80H65DFBAG Datasheet(PDF) 8 Page - STMicroelectronics

Part # STGWA80H65DFBAG
Description  Automotive-grade trench gate field-stop 650 V, 80 A high speed HB series IGBT in a TO-247 long leads
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWA80H65DFBAG Datasheet(HTML) 8 Page - STMicroelectronics

Back Button STGWA80H65DFBAG Datasheet HTML 4Page - STMicroelectronics STGWA80H65DFBAG Datasheet HTML 5Page - STMicroelectronics STGWA80H65DFBAG Datasheet HTML 6Page - STMicroelectronics STGWA80H65DFBAG Datasheet HTML 7Page - STMicroelectronics STGWA80H65DFBAG Datasheet HTML 8Page - STMicroelectronics STGWA80H65DFBAG Datasheet HTML 9Page - STMicroelectronics STGWA80H65DFBAG Datasheet HTML 10Page - STMicroelectronics STGWA80H65DFBAG Datasheet HTML 11Page - STMicroelectronics STGWA80H65DFBAG Datasheet HTML 12Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 14 page
background image
Figure 19. Typical switching times vs collector current
GADG231120221309STC
10 2
10 1
0
20
40
60
80
t
(ns)
IC (A)
tf
td(off)
tr(i)
VCC = 400 V, VGE = 15 V, RG = 10 Ω,
TJ = 175
℃
td(on)
Figure 20. Typical switching times vs gate resistance
GADG231120221316STR
10 3
10 2
10 1
0
10
20
30
40
t
(ns)
RG (Ω)
td(off)
VCC = 400 V, VGE = 15 V, IC = 80 A,
TJ = 175
℃
td(on)
tr(i)
tf
Figure 21. Typical reverse recovery current vs diode
current slope
GADG211120221232RRC
51
50
49
48
47
46
800
1400
2000
2600
Irrm
(A)
di/dt (A/µs)
8
Figure 22. Typical reverse recovery time vs diode current
slope
GADG211120221232RRT
130
120
110
100
90
80
800
1200 1600 2000 2400 2800
trr
(ns)
di/dt (A/µs)
8
Figure 23. Typical reverse recovery charge vs diode
current slope
GADG211120221233RRQ
3.9
3.8
3.7
3.6
800
1400
2000
2600
Qrr
(µC)
di/dt (A/µs)
8
Figure 24. Typical reverse recovery energy vs diode
current slope
GADG211120221234RRE
700
650
600
550
800
1400
2000
2600
Err
(mJ)
di/dt (A/µs)
8
STGWA80H65DFBAG
Electrical characteristics (curves)
DS14160 - Rev 1
page 8/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com