Electronic Components Datasheet Search
  English  ▼

X  

STGWA80H65DFBAG Datasheet(PDF) 4 Page - STMicroelectronics

Part # STGWA80H65DFBAG
Description  Automotive-grade trench gate field-stop 650 V, 80 A high speed HB series IGBT in a TO-247 long leads
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWA80H65DFBAG Datasheet(HTML) 4 Page - STMicroelectronics

  STGWA80H65DFBAG Datasheet HTML 1Page - STMicroelectronics STGWA80H65DFBAG Datasheet HTML 2Page - STMicroelectronics STGWA80H65DFBAG Datasheet HTML 3Page - STMicroelectronics STGWA80H65DFBAG Datasheet HTML 4Page - STMicroelectronics STGWA80H65DFBAG Datasheet HTML 5Page - STMicroelectronics STGWA80H65DFBAG Datasheet HTML 6Page - STMicroelectronics STGWA80H65DFBAG Datasheet HTML 7Page - STMicroelectronics STGWA80H65DFBAG Datasheet HTML 8Page - STMicroelectronics STGWA80H65DFBAG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 14 page
background image
Table 5. Switching characteristics (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
td(off)
Turn-off delay time
VCC = 400 V, IC = 80 A,
VGE = 15 V, RG = 10 Ω
-
360
-
ns
tr
Current rise time
-
84
-
ns
di/dt(on)
Turn-on current slope
-
720
-
A/μs
Eon (1)
Turn-on switching energy
-
3.26
-
mJ
td(off)
Turn-off delay time
-
360
-
ns
tf
Current fall time
-
66
-
ns
Eoff (2)
Turn-off switching energy
-
2.33
-
mJ
Ets
Total switching energy
-
5.59
-
mJ
td(off)
Turn-off delay time
VCC = 400 V, IC = 80 A,
VGE = 15 V, RG = 10 Ω, TJ = 175 °C
-
375
-
ns
tr
Current rise time
-
90
-
ns
di/dt(on)
Turn-on current slope
-
690
-
A/μs
Eon(1)
Turn-on switching energy
-
5.24
-
mJ
td(off)
Turn-off delay time
-
375
-
ns
tf
Current fall time
-
65
-
ns
Eoff (2)
Turn-off switching energy
-
2.56
-
mJ
Ets
Total switching energy
-
7.8
-
mJ
1. Including the reverse recovery of the diode.
2. Including the tail of the collector current.
Table 6. Diode switching characteristics (inductive load)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
trr
Reverse recovery time
IF = 80 A, VR = 400 V,
VGE = 15 V, di/dt = 1000 A/μs
-
64
-
ns
Qrr
Reverse recovery charge
-
0.7
-
μC
Irrm
Reverse recovery current
-
15
-
A
Err
Reverse recovery energy
-
92
-
μJ
trr
Reverse recovery time
IF = 80 A, VR = 400 V,
VGE = 15 V, di/dt = 1000 A/μs,
TJ = 175 °C
-
120
-
ns
Qrr
Reverse recovery charge
-
3.7
-
μC
Irrm
Reverse recovery current
-
47
-
A
Err
Reverse recovery energy
-
595
-
μJ
STGWA80H65DFBAG
Electrical characteristics
DS14160 - Rev 1
page 4/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com