Electronic Components Datasheet Search
  English  ▼

X  

STGWA80H65DFBAG Datasheet(PDF) 10 Page - STMicroelectronics

Part # STGWA80H65DFBAG
Description  Automotive-grade trench gate field-stop 650 V, 80 A high speed HB series IGBT in a TO-247 long leads
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWA80H65DFBAG Datasheet(HTML) 10 Page - STMicroelectronics

Back Button STGWA80H65DFBAG Datasheet HTML 6Page - STMicroelectronics STGWA80H65DFBAG Datasheet HTML 7Page - STMicroelectronics STGWA80H65DFBAG Datasheet HTML 8Page - STMicroelectronics STGWA80H65DFBAG Datasheet HTML 9Page - STMicroelectronics STGWA80H65DFBAG Datasheet HTML 10Page - STMicroelectronics STGWA80H65DFBAG Datasheet HTML 11Page - STMicroelectronics STGWA80H65DFBAG Datasheet HTML 12Page - STMicroelectronics STGWA80H65DFBAG Datasheet HTML 13Page - STMicroelectronics STGWA80H65DFBAG Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
3
Package information
In order to meet environmental requirements, ST offers these devices in different grades of ECOPACK packages,
depending on their level of environmental compliance. ECOPACK specifications, grade definitions and product
status are available at: www.st.com. ECOPACK is an ST trademark.
3.1
TO-247 long leads package information
Figure 27. TO-247 long leads package outline
8463846_3
STGWA80H65DFBAG
Package information
DS14160 - Rev 1
page 10/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com