Electronic Components Datasheet Search
  English  ▼

X  

STGWA80H65DFBAG Datasheet(PDF) 1 Page - STMicroelectronics

Part # STGWA80H65DFBAG
Description  Automotive-grade trench gate field-stop 650 V, 80 A high speed HB series IGBT in a TO-247 long leads
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWA80H65DFBAG Datasheet(HTML) 1 Page - STMicroelectronics

  STGWA80H65DFBAG Datasheet HTML 1Page - STMicroelectronics STGWA80H65DFBAG Datasheet HTML 2Page - STMicroelectronics STGWA80H65DFBAG Datasheet HTML 3Page - STMicroelectronics STGWA80H65DFBAG Datasheet HTML 4Page - STMicroelectronics STGWA80H65DFBAG Datasheet HTML 5Page - STMicroelectronics STGWA80H65DFBAG Datasheet HTML 6Page - STMicroelectronics STGWA80H65DFBAG Datasheet HTML 7Page - STMicroelectronics STGWA80H65DFBAG Datasheet HTML 8Page - STMicroelectronics STGWA80H65DFBAG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
TO-247 long leads
C(2, TAB)
E(3)
G(1)
G1C2TE3_diode
Features
•
AEC-Q101 qualified
•
High-speed switching series
•
Maximum junction temperature: TJ = 175 °C
•
Low VCE(sat) = 1.65 V (typ.) @ IC = 80 A
•
Minimized tail current
•
Tight parameter distribution
•
Positive temperature VCE(sat) coefficient
•
Soft and very fast recovery antiparallel diode
Applications
•
PFC
•
High frequency converters
Description
This device is an IGBT developed using an advanced proprietary trench gate field-
stop structure. The device is part of the new HB series of IGBTs, which represents
an optimum compromise between conduction and switching loss to maximize the
efficiency of any frequency converter. Furthermore, the slightly positive VCE(sat)
temperature coefficient and very tight parameter distribution result in safer paralleling
operation.
Product status link
STGWA80H65DFBAG
Product summary
Order code
STGWA80H65DFBAG
Marking
G80H65DFBAG
Package
TO-247 long leads
Packing
Tube
Automotive-grade trench gate field-stop 650 V, 80 A high speed HB series IGBT
in a TO-247 long leads
STGWA80H65DFBAG
Datasheet
DS14160 - Rev 1 - December 2022
For further information contact your local STMicroelectronics sales office.
www.st.com


Similar Part No. - STGWA80H65DFBAG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGWA80H65DFB STMICROELECTRONICS-STGWA80H65DFB Datasheet
908Kb / 17P
Tight parameter distribution
17-Nov-2016
STGWA80H65DFB STMICROELECTRONICS-STGWA80H65DFB Datasheet
1Mb / 22P
Trench gate field-stop IGBT, HB series 650 V, 80 A high speed
May 2015 Rev 6
More results

Similar Description - STGWA80H65DFBAG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGWT40HP65FB STMICROELECTRONICS-STGWT40HP65FB Datasheet
909Kb / 17P
Trench gate field-stop IGBT, HB series 650 V, 40 A high speed
13-Jul-2016
STGFW20H65FB STMICROELECTRONICS-STGFW20H65FB Datasheet
1Mb / 20P
Trench gate field-stop IGBT, HB series 650 V, 20 A high speed
28-Aug-2014
STGY80H65DFB STMICROELECTRONICS-STGY80H65DFB Datasheet
1Mb / 22P
Trench gate field-stop IGBT, HB series 650 V, 80 A high speed
May 2015 Rev 6
STGWA20HP65FB2 STMICROELECTRONICS-STGWA20HP65FB2 Datasheet
373Kb / 15P
Trench gate field-stop, 650 V, 20 A, high-speed HB2 series IGBT in a TO‑247 long leads package
11-May-2020
STGWA30H65DFB2 STMICROELECTRONICS-STGWA30H65DFB2 Datasheet
513Kb / 15P
Trench gate field-stop, 650 V, 30 A, high-speed HB2 series IGBT in a TO-247 long leads package
13-Feb-2020
STGWA40H60DLFB STMICROELECTRONICS-STGWA40H60DLFB Datasheet
871Kb / 15P
Trench gate field-stop IGBT, HB series 600 V, 40 A high speed in a TO-247 long leads package
03-Mar-2017
STGWA40HP65FB2 STMICROELECTRONICS-STGWA40HP65FB2 Datasheet
516Kb / 16P
Trench gate field-stop, 650 V, 40 A, high-speed HB2 series IGBT in a TO-247 long leads package
24-Jul-2019
STGWA50HP65FB2 STMICROELECTRONICS-STGWA50HP65FB2 Datasheet
542Kb / 15P
Trench gate field-stop, 650 V, 50 A, high-speed HB2 series IGBT in a TO-247 long leads package
05-Dec-2019
STGWA75H65DFB2 STMICROELECTRONICS-STGWA75H65DFB2 Datasheet
560Kb / 15P
Trench gate field-stop, 650 V, 75 A, high-speed HB2 series IGBT in a TO‑247 long leads package
13-Feb-2020
STGWA80H65FBAG STMICROELECTRONICS-STGWA80H65FBAG Datasheet
257Kb / 12P
Automotive-grade trench gate field-stop 650 V, 80 A high speed HB series IGBT in a TO-247 long leads
16-Feb-2023
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com