Electronic Components Datasheet Search
  English  ▼

X  

STGWA80H65DFBAG Datasheet(PDF) 3 Page - STMicroelectronics

Part # STGWA80H65DFBAG
Description  Automotive-grade trench gate field-stop 650 V, 80 A high speed HB series IGBT in a TO-247 long leads
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWA80H65DFBAG Datasheet(HTML) 3 Page - STMicroelectronics

  STGWA80H65DFBAG Datasheet HTML 1Page - STMicroelectronics STGWA80H65DFBAG Datasheet HTML 2Page - STMicroelectronics STGWA80H65DFBAG Datasheet HTML 3Page - STMicroelectronics STGWA80H65DFBAG Datasheet HTML 4Page - STMicroelectronics STGWA80H65DFBAG Datasheet HTML 5Page - STMicroelectronics STGWA80H65DFBAG Datasheet HTML 6Page - STMicroelectronics STGWA80H65DFBAG Datasheet HTML 7Page - STMicroelectronics STGWA80H65DFBAG Datasheet HTML 8Page - STMicroelectronics STGWA80H65DFBAG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
2
Electrical characteristics
TJ = 25 °C unless otherwise specified.
Table 3. Static characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
VCE(sat)
Collector-emitter saturation
voltage
VGE = 15 V, IC = 80 A
1.65
2.0
V
VGE = 15 V, IC = 80 A, TJ = 125 °C
1.8
VGE = 15 V, IC = 80 A, TJ = 175 °C
1.9
VF
Forward on-voltage
IF = 80 A
1.9
V
IF = 80 A, TJ = 125 °C
1.55
IF = 80 A, TJ = 175 °C
1.4
VGE(th)
Gate threshold voltage
VCE = VGE, IC = 1 mA
4.5
5.5
6.5
V
Table 4. Dynamic characteristics
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
Cies
Input capacitance
VCE = 25 V, f = 1 MHz, VGE = 0 V
-
10460
-
pF
Coes
Output capacitance
-
390
-
pF
Cres
Reverse transfer capacitance
-
215
-
pF
Qg
Total gate charge
VCC = 520 V, IC = 80 A, VGE = 0 to 15 V
-
453
-
nC
STGWA80H65DFBAG
Electrical characteristics
DS14160 - Rev 1
page 3/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com