Electronic Components Datasheet Search
  English  ▼

X  

STGWA80H65DFBAG Datasheet(PDF) 7 Page - STMicroelectronics

Part # STGWA80H65DFBAG
Description  Automotive-grade trench gate field-stop 650 V, 80 A high speed HB series IGBT in a TO-247 long leads
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGWA80H65DFBAG Datasheet(HTML) 7 Page - STMicroelectronics

Back Button STGWA80H65DFBAG Datasheet HTML 3Page - STMicroelectronics STGWA80H65DFBAG Datasheet HTML 4Page - STMicroelectronics STGWA80H65DFBAG Datasheet HTML 5Page - STMicroelectronics STGWA80H65DFBAG Datasheet HTML 6Page - STMicroelectronics STGWA80H65DFBAG Datasheet HTML 7Page - STMicroelectronics STGWA80H65DFBAG Datasheet HTML 8Page - STMicroelectronics STGWA80H65DFBAG Datasheet HTML 9Page - STMicroelectronics STGWA80H65DFBAG Datasheet HTML 10Page - STMicroelectronics STGWA80H65DFBAG Datasheet HTML 11Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
Figure 13. Typical capacitance characteristics
GADG211120221212CVR
10 4
10 3
10 2
10 1
10-1
100
101
102
C
(pF)
VCE (V)
Cies
Coes
Cres
f = 1 MHz
Figure 14. Typical gate charge characteristics
GADG211120221218GCGE
16
12
8
4
0
0
100
200
300
400
500
VGE
(V)
Qg (nC)
VCC = 520 V, IC = 80 A, IG = 8 mA
Figure 15. Typical switching energy vs collector current
GADG211120221218SLC
5
4
3
2
1
0
0
20
40
60
80
E
(mJ)
IC (A)
VCC = 400 V, RG = 10 Ω,
VGE = 15 V, TJ=175
℃
Eon
Eoff
Figure 16. Typical switching energy vs temperature
GADG211120221219SLT
6
5
4
3
2
1
0
-25
25
75
125
175
E
(mJ)
TJ (°C)
VCC = 400 V, RG = 10 Ω,
VGE = 15 V, IC = 80 A
Eon
Eoff
Figure 17. Typical switching energy vs collector emitter
voltage
GADG211120221251SLV
7
6
5
4
3
2
1
0
100
200
300
400
500
E
(mJ)
VCE (V)
RG= 10 Ω, VGE = 15 V
IC = 80 A,TJ=175
℃
Eon
Eoff
Figure 18. Typical switching energy vs RG
GADG211120221230SLG
8
6
4
2
0
0
10
20
30
40
E
(mJ)
RG (Ω)
VCC = 400 V, VGE = 15 V, IC = 80 A,
TJ = 175
℃
Eon
Eoff
STGWA80H65DFBAG
Electrical characteristics (curves)
DS14160 - Rev 1
page 7/14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com