Electronic Components Datasheet Search
  English  ▼

X  

CV128 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # CV128
Description  1-TO-12 DIFFERENTIAL CLOCK BUFFER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CV128 Datasheet(HTML) 6 Page - Renesas Technology Corp

Back Button CV128 Datasheet HTML 2Page - Renesas Technology Corp CV128 Datasheet HTML 3Page - Renesas Technology Corp CV128 Datasheet HTML 4Page - Renesas Technology Corp CV128 Datasheet HTML 5Page - Renesas Technology Corp CV128 Datasheet HTML 6Page - Renesas Technology Corp CV128 Datasheet HTML 7Page - Renesas Technology Corp CV128 Datasheet HTML 8Page - Renesas Technology Corp CV128 Datasheet HTML 9Page - Renesas Technology Corp CV128 Datasheet HTML 10Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
COMMERCIALTEMPERATURERANGE
6
IDTCV128
1-TO-12DIFFERENTIALCLOCKBUFFER
BYTE 2
Bit
Output(s)Affected
Description/Function
0
1
Type
Power On
7
Reserved
RW
1
6
PLL_BW#adjust
0 = HIGH BW
1 = LOW BW
RW
1
5
BYPASS# test mode / PLL
0 = Bypass
1 = PLL
RW
1
4
Reserved
RW
1
3
DIF_11
OutputEnable
Tristate
Enable
RW
1
2
DIF_10
OutputEnable
Tristate
Enable
RW
1
1
DIF_9
OutputEnable
Tristate
Enable
RW
1
0
DIF_8
OutputEnable
Tristate
Enable
RW
1
BYTE 3
Bit
Output(s)Affected
Description / Function
0
1
Type
Power On
7
Readback - OE#_7 Input
Dependsonthestateofpin
R
6
Readback - OE#_6 Input
Dependsonthestateofpin
R
5
Readback - OE#_5 Input
Dependsonthestateofpin
R
4
Readback - OE#_4 Input
Dependsonthestateofpin
R
3
Readback - OE#_3 Input
Dependsonthestateofpin
R
2
Readback - OE#_2 Input
Dependsonthestateofpin
R
1
Readback - OE#_1 Input
Dependsonthestateofpin
R
0
Readback - OE#_0 Input
Dependsonthestateofpin
R
BYTE 0
Bit
Output(s)Affected
Description/Function
0
1
Type
Power On
7
Group of 10 gear #
GRselection
1:1 = In
RW
1
DIF [9:0] Speed selection
6
Group of 2 gear #
GRselection
1:1 = In
RW
1
DIF[11:10]Speedselection
5
Reserved
RW
1
4
FSAlatchedinput
RW
3
SMBus3
RW
2
SMBus2
seeGearRatiotable
RW
1
SMBus1
RW
0
SMBus0
RW
BYTE 1
Bit
Output(s)Affected
Description/Function
0
1
Type
Power On
7
DIF_7
OutputEnable
Tri-State
Enable
RW
1
6
DIF_6
OutputEnable
Tri-State
Enable
RW
1
5
DIF_5
OutputEnable
Tri-State
Enable
RW
1
4
DIF_4
OutputEnable
Tri-State
Enable
RW
1
3
DIF_3
OutputEnable
Tri-State
Enable
RW
1
2
DIF_2
OutputEnable
Tri-State
Enable
RW
1
1
DIF_1
OutputEnable
Tri-State
Enable
RW
1
0
DIF_0
OutputEnable
Tri-State
Enable
RW
1
CONTROLREGISTERS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com