Electronic Components Datasheet Search
  English  ▼

X  

CV128 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # CV128
Description  1-TO-12 DIFFERENTIAL CLOCK BUFFER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CV128 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button CV128 Datasheet HTML 3Page - Renesas Technology Corp CV128 Datasheet HTML 4Page - Renesas Technology Corp CV128 Datasheet HTML 5Page - Renesas Technology Corp CV128 Datasheet HTML 6Page - Renesas Technology Corp CV128 Datasheet HTML 7Page - Renesas Technology Corp CV128 Datasheet HTML 8Page - Renesas Technology Corp CV128 Datasheet HTML 9Page - Renesas Technology Corp CV128 Datasheet HTML 10Page - Renesas Technology Corp CV128 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
COMMERCIALTEMPERATURERANGE
IDTCV128
1-TO-12DIFFERENTIALCLOCKBUFFER
7
BYTE 5
Bit
Output(s)Affected
Description / Function
0
1
Type
Power On
7
Revision ID
0
6
Revision ID
0
5
Revision ID
0
4
Revision ID
0
3
Vendor ID
0
2
Vendor ID
1
1
Vendor ID
0
0
Vendor ID
1
BYTE 4
Bit
Output(s)Affected
Description / Function
0
1
Type
Power On
7
Readback - FSA input
Latch value of pin at power up
R
6
Readback - PLL_BW# In
Latch value of pin at power up
R
5
Readback-PLL_BYPASS#input
Latch value of pin at power up
R
4
Reserved
3
Reserved
2
Readback-OE#_10-11Input
R
1
Readback - OE#_9 Input
R
0
Readback - OE#_8 Input
R
BYTE 6 - DEVICE ID
BYTE 7 - BYTE COUNT
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
VDDA
3.3 V Core Supply Voltage
3.3 V ±5%
3.135
---
3.465
V
VDD
3.3 V I/O Supply Voltage
3.3 V ±5%
3.135
---
3.465
V
VIH
3.3 V Input High Voltage
VDD
2.0
---
VDD+0.3
V
VIL
3.3 V Input Low Voltage
VSS-0.3
---
0.8
V
IIL
Input Leakage Current
0 < VIN < VDD
-5
---
+5
µA
VOH
3.3 V Output High Voltage
Ioh = -1 mA
2.4
---
---
V
VOL
3.3 V Output Low Voltage
Iol = 1 mA
---
---
0.4
V
Cin
Input Pin Capacitance
1.5
---
5
pF
Cout
Output Pin Capacitance
---
---
6
pF
Lpin
Pin Inductance
---
---
7
nH
Ta
Ambient Temperature
No Airflow
0
---
70
°C
DC OPERATING CHARACTERISTICS
FollowingConditionsApplyUnlessOtherwiseSpecified:
Operating Condition: VDD/VDDA = 3.3V ± 5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com