Electronic Components Datasheet Search
  English  ▼

X  

CV128 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # CV128
Description  1-TO-12 DIFFERENTIAL CLOCK BUFFER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CV128 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button CV128 Datasheet HTML 5Page - Renesas Technology Corp CV128 Datasheet HTML 6Page - Renesas Technology Corp CV128 Datasheet HTML 7Page - Renesas Technology Corp CV128 Datasheet HTML 8Page - Renesas Technology Corp CV128 Datasheet HTML 9Page - Renesas Technology Corp CV128 Datasheet HTML 10Page - Renesas Technology Corp CV128 Datasheet HTML 11Page - Renesas Technology Corp CV128 Datasheet HTML 12Page - Renesas Technology Corp CV128 Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 10 / 13 page
background image
COMMERCIALTEMPERATURERANGE
10
IDTCV128
1-TO-12DIFFERENTIALCLOCKBUFFER
PWRDWN FUNCTIONALITY
VTT_PWRGD#/PWRDWN
DIF
DIF#
0
Normal
Normal
1
Float
Float
BUFFER POWER-UP STATE MACHINE(1)
NOTE:
1. The total power up latency from power on to all outputs active must be less than 1ms
(assuming a valid clock is present on CLK_IN input). If power is valid and PWRDWN is
de-asserted but no input clocks are present on the CLK_IN input, DIF clocks must remain
disabled. Only after valid input clocks are detected, valid power, PWRDWN# de-asserted
with the PLL locked/stable and the DIF outputs enabled (doesn't apply to bypass mode).
State
Description
State0
Poweroff
State1
After3.3Vsupplyisdetectedtoriseabove1.8-2V,the
bufferentersstate1andinitiatesa0.2ms-0.3msdelay.The
totalpoweruplatencyfrompowerontoalloutputsactive
mustbelessthan1ms(assumeSRC_INisavailable)
State2
BufferwaitsforavalidclockontheSRC_INinputand
PDde-assertion.
State3
Only after SRC_IN and power valid, PD de-asserted
with the current mirror stable, or PLL lock, the DIF
outputsareenabled
BUFFER POWER-UP STATE DIAGRAM
S1
Delay
>0.25 ms
S0
Power Off
S2
Wait for input
clock and
de-assertion
PWRDWN#
S3
Normal
Operation
No Input Clock
PWRDWN# Asserted



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com