Electronic Components Datasheet Search
  English  ▼

X  

CV128 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # CV128
Description  1-TO-12 DIFFERENTIAL CLOCK BUFFER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CV128 Datasheet(HTML) 2 Page - Renesas Technology Corp

  CV128 Datasheet HTML 1Page - Renesas Technology Corp CV128 Datasheet HTML 2Page - Renesas Technology Corp CV128 Datasheet HTML 3Page - Renesas Technology Corp CV128 Datasheet HTML 4Page - Renesas Technology Corp CV128 Datasheet HTML 5Page - Renesas Technology Corp CV128 Datasheet HTML 6Page - Renesas Technology Corp CV128 Datasheet HTML 7Page - Renesas Technology Corp CV128 Datasheet HTML 8Page - Renesas Technology Corp CV128 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 13 page
background image
COMMERCIALTEMPERATURERANGE
2
IDTCV128
1-TO-12DIFFERENTIALCLOCKBUFFER
PIN CONFIGURATION
Symbol
Description
Min.
Max.
Unit
VDDA
3.3V Core Supply Voltage
4.6
V
VDD
3.3V Logic Input Supply Voltage GND - 0.5
4.6
V
TSTG
Storage Temperature
–65
+150
°C
TAMBIENT
Ambient Operating Temperature
0
+70
°C
TCASE
Case Temperature
+115
°C
ESD Prot
Input ESD Protection
2000
V
Human Body Model
ABSOLUTE MAXIMUM RATINGS(1)
NOTE:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may cause
permanent damage to the device. This is a stress rating only and functional operation
of the device at these or any other conditions above those indicated in the operational
sections of this specification is not implied. Exposure to absolute maximum rating
conditions for extended periods may affect reliability.
SSOP/ TSSOP
TOP VIEW
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
VDDA
VSSA
IREF
OE_10_11#
DIF_11
DIF_11#
VDD
DIF_6
DIF_6#
OE_9#
VSS
VDD
HIGH_BW#
SA_2/PLL/BYPASS#
SCL
25
26
27
28
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
CLK_IN
CLK_IN#
DIF_0
DIF_0#
VSS
VDD
DIF_1
DIF_1#
DIF_2#
VSS
VDD
DIF_2
SA_1
SDA
VSS
SA_0
OE_0#
OE_1#
DIF_3
DIF_3#
OE_2#
DIF_4
DIF_4#
OE_3#
OE_4#
DIF_5
DIF_5#
OE_5#
56
55
54
53
52
51
50
49
DIF_10
DIF_10#
FS_A
VTT_PWRGD#/PWRDWN
DIF_9
DIF_9#
OE_8#
DIF_8
DIF_8#
DIF_7
DIF_7#
OE_7#
OE_6#
OE FUNCTIONALITY
OE# - Pin
OE# - SMBus bit
DIF
DIFF]#
0
1
Normal
Normal
0
0
Tristate
Tristate
1
1
Tristate
Tristate
1
0
Tristate
Tristate



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com