Electronic Components Datasheet Search
  English  ▼

X  

CV128 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # CV128
Description  1-TO-12 DIFFERENTIAL CLOCK BUFFER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CV128 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button CV128 Datasheet HTML 5Page - Renesas Technology Corp CV128 Datasheet HTML 6Page - Renesas Technology Corp CV128 Datasheet HTML 7Page - Renesas Technology Corp CV128 Datasheet HTML 8Page - Renesas Technology Corp CV128 Datasheet HTML 9Page - Renesas Technology Corp CV128 Datasheet HTML 10Page - Renesas Technology Corp CV128 Datasheet HTML 11Page - Renesas Technology Corp CV128 Datasheet HTML 12Page - Renesas Technology Corp CV128 Datasheet HTML 13Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
COMMERCIALTEMPERATURERANGE
IDTCV128
1-TO-12DIFFERENTIALCLOCKBUFFER
9
DIF TIMING CHARACTERISTICS (NON SSC CLOCK INPUT)
DIF 0.7 V AC Timing Characteristics (Non-Spread Spectrum Mode)
CLK - 100Mhz, 133.3Mhz, 166.6Mhz, 200Mhz,
233.3Mhz, 266.6Mhz, 333Mhz, 400Mhz
Symbol
Parameter
Min.
Typ.
Max.
Unit
LACCURACY
Long Accuracy
---
---
0
ppm
TPERIOD
Average Period
-0.3%
---
+0.3%
ns
TABSMIN
Absolute Minimum Host CLK Period
-2.5%
---
---
ns
TRISE
Rise Time
125
---
525
ps
TFALL
Fall Time
125
---
525
ps
∆TRISE
Rise Time Variation
---
---
75
ps
∆TFALL
Fall Time Variation
---
---
75
ps
VHIGH
Voltage HIGH (typ 0.7 Volts)
660
---
850
mV
VLOW
Voltage LOW (typ 0 Volts)
-300
---
+150
mV
VCROSS absolute
Absolute Crossing Point Voltages
250
---
550
mV
VCROSS relative
Relative Crossing Point Voltages
Calc
---
Calc
Total
∆ VCROSS
Total Variation of VCROSS Over All Edges
---
---
140
mV
TCCJITTER
Cycle-to-Cycle Jitter(1)
---
---
50
ps
Duty Cycle
45
---
55
%
VOVS
Maximum Voltage (Overshoot)
---
---
VH + 0.3V
VUDS
Minimum Voltage (Undershoot)
---
---
- 0.3
VRB
Ringback Voltage
0.2
---
N/A
Volt
DIF TIMING CHARACTERISTICS (SSC CLOCK INPUT)
DIF 0.7 V AC Timing Characteristics (-0.5% Spread Spectrum Mode)
CLK - 100Mhz, 133.3Mhz, 166.6Mhz, 200Mhz,
233.3Mhz, 266.6Mhz, 333Mhz, 400Mhz
Symbol
Parameter
Min.
Typ.
Max.
Unit
LACCURACY
Long Accuracy
---
---
0
ppm
TPERIOD
Average Period
-0.3%
---
+0.53%
ns
TABSMIN
Absolute Minimum Host CLK Period
(period - 0.125ns)
---
---
ns
TRISE
Rise Time
125
---
525
ps
TFALL
Fall Time
125
---
525
ps
Edge_rate
Edge_rate
0.5
---
2.8
V/ns
∆TRISE
Rise Time Variation
---
---
75
ps
∆TFALL
Fall Time Variation
---
---
75
ps
VHIGH
Voltage HIGH (typ 0.7 Volts)
660
---
850
mV
VLOW
Voltage LOW (typ 0 Volts)
-300
---
+150
mV
VCROSS absolute
Absolute Crossing Point Voltages
250
---
550
mV
VCROSS relative
Relative Crossing Point Voltages
Calc
---
Calc
Total
∆ VCROSS
Total Variation of VCROSS Over All Edges
---
---
100
mV
TCCJITTER
Cycle-to-Cycle Jitter(1)
---
---
50
ps
Duty Cycle
45
---
55
%
VOVS
Maximum Voltage (Overshoot)
---
---
VH + 0.3V
VUDS
Minimum Voltage (Undershoot)
---
---
- 0.3
VRB
Ringback Voltage
VX ± 0.2
---
N/A
Volt
NOTE:
1. Bypass mode, additive.
NOTE:
1. Bypass mode, additive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com