Electronic Components Datasheet Search
  English  ▼

X  

CV128 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # CV128
Description  1-TO-12 DIFFERENTIAL CLOCK BUFFER
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

CV128 Datasheet(HTML) 8 Page - Renesas Technology Corp

Back Button CV128 Datasheet HTML 4Page - Renesas Technology Corp CV128 Datasheet HTML 5Page - Renesas Technology Corp CV128 Datasheet HTML 6Page - Renesas Technology Corp CV128 Datasheet HTML 7Page - Renesas Technology Corp CV128 Datasheet HTML 8Page - Renesas Technology Corp CV128 Datasheet HTML 9Page - Renesas Technology Corp CV128 Datasheet HTML 10Page - Renesas Technology Corp CV128 Datasheet HTML 11Page - Renesas Technology Corp CV128 Datasheet HTML 12Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
COMMERCIALTEMPERATURERANGE
8
IDTCV128
1-TO-12DIFFERENTIALCLOCKBUFFER
OUTPUT RELATIONAL TIMING PARAMETERS
Group
Parameter
Min.
Typ.
Max.
CLK_IN, DIF [x:0]
Input to Output Skew in PLL mode (1:1 only)
0ps
---
20% of period
CLK_IN, DIF [x:0]
Input to Output Skew in non PLL mode (1:1 only)
3ns
---
40% of period
DIF
DIFF[x:0] Pin-to-Pin Skew (output within same group)
0ps
---
50 ps
DIF [9:0] - DIF [11:10]
Additive skew between pin groups (group of 2 and group of 10)
0ps
---
75 ps
DIF
Jitter, Cycle_cycle(1)
0ps
---
50ps
DIF
AccumulatedDifferentialPhaseJitter
-100ps
---
+100ps
PLL BANDWIDTH AND PEAKING
Group
Parameter
Min.
Typ.
Max.
Unit
DIF
PLL Peaking (HIGH_BW# = 0)
---
1
2
dB
DIF
PLL Peaking (HIGH_BW# = 1)
---
1
2
dB
DIF
PLL Bandwidth (HIGH_BW# = 0)
2
3
4
MHz
DIF
PLL Bandwidth (HIGH_BW# = 1)
0.7
1
1.4
MHz
DIF
Outputphasejitterimpact
0ps
---
---
ps
(PCIe: including BW 1.5-22Mhz)
---
---
85
ps
(FBD/CSI: including BW 11-33Mhz)
---
---
40
ps
NOTE:
1. Bypass mode, additive.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com