Electronic Components Datasheet Search
  English  ▼

X  

71124 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # 71124
Description  CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

71124 Datasheet(HTML) 3 Page - Renesas Technology Corp

  71124 Datasheet HTML 1Page - Renesas Technology Corp 71124 Datasheet HTML 2Page - Renesas Technology Corp 71124 Datasheet HTML 3Page - Renesas Technology Corp 71124 Datasheet HTML 4Page - Renesas Technology Corp 71124 Datasheet HTML 5Page - Renesas Technology Corp 71124 Datasheet HTML 6Page - Renesas Technology Corp 71124 Datasheet HTML 7Page - Renesas Technology Corp 71124 Datasheet HTML 8Page - Renesas Technology Corp 71124 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
6.42
71124 CMOS Static RAM
1 Meg (128K x 8-bit) Revolutionary Pinout
Commercial and Industrial Temperature Ranges
3
Feb.27.20
3514 drw 03
480
Ω
255
Ω
30pF
DATA OUT
5V
.
*Including jig and scope capacitance.
Figure 2. AC Test Load
(for tCLZ, tOLZ, tCHZ, tOHZ, tOW, and tWHZ)
Figure 1. AC Test Load
AC Test Conditions
DC Electrical Characteristics(1)
(VCC = 5.0V ± 10%, VLC = 0.2V, VHC = VCC – 0.2V)
3514 drw 04
480
Ω
255
Ω
5pF*
DATA OUT
5V
.
DC Electrical Characteristics
(VCC = 5.0V ± 10%, Commercial and Industrial Temperature Ranges)
Symbol
Parameter
Test Conditions
Min.
Max.
Unit
|ILI|
Input Leakage Current
VCC = Max., VIN = GND to VCC
___
5µA
|ILO|
Output Leakage Current
VCC = Max., CS = VIH, VOUT = GND to VCC
___
5µA
VOL
Output Low Voltage
IOL = 8mA, VCC = Min.
___
0.4
V
VOH
Output High Voltage
IOH = –4mA, VCC = Min.
2.4
___
V
3514 tbl 06
NOTES:
1. All values are maximum guaranteed values.
2. fMAX = 1/tRC (all address inputs are cycling at fMAX); f = 0 means no address input lines are changing.
71124S12
71124S15
71124S20
Symbol
Parameter
Com'l.
Com'l.
Ind.
Com'l.
Ind.
Unit
ICC
Dynamic Operating Current
CS < VIL, Outputs Open, VCC = Max., f = fMAX(2)
160
155
155
140
140
mA
ISB
Standby Power Supply Current (TTL Level)
CS >
VIH, Outputs Open, VCC = Max., f = fMAX(2)
40
40
40
40
40
mA
ISB1
Full Standby Power Supply Current (CMOS Level)
CS >
VHC, Outputs Open, VCC = Max., f = 0(2)
VIN < VLC or VIN > VHC
10
10
10
10
10
mA
3514 tbl 07
Input Pulse Levels
Input Rise/Fall Times
Input Timing Reference Levels
Output Reference Levels
AC Test Load
GND to 3.0V
3ns
1.5V
1.5V
See Figure 1 and 2
3514 tbl 08
AC Test Loads



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com