Electronic Components Datasheet Search
  English  ▼

X  

71124 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 71124
Description  CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

71124 Datasheet(HTML) 4 Page - Renesas Technology Corp

  71124 Datasheet HTML 1Page - Renesas Technology Corp 71124 Datasheet HTML 2Page - Renesas Technology Corp 71124 Datasheet HTML 3Page - Renesas Technology Corp 71124 Datasheet HTML 4Page - Renesas Technology Corp 71124 Datasheet HTML 5Page - Renesas Technology Corp 71124 Datasheet HTML 6Page - Renesas Technology Corp 71124 Datasheet HTML 7Page - Renesas Technology Corp 71124 Datasheet HTML 8Page - Renesas Technology Corp 71124 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
6.42
4
71124 CMOS Static RAM
1 Meg (128K x 8-bit) Revolutionary Pinout
Commercial and Industrial Temperature Ranges
Feb.27.20
AC Electrical Characteristics
(VCC = 5.0V ± 10%, Commercial and Industrial Temperature Ranges)
71124S12(2)
71124S15
71124S20
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Unit
READ CYCLE
tRC
Read Cycle Time
12
____
15
____
20
____
ns
tAA
Address Access Time
____
12
____
15
____
20
ns
tACS
Chip Select Access Time
____
12
____
15
____
20
ns
tCLZ(1)
Chip Select to Output in Low-Z
3
____
3
____
3
____
ns
tCHZ(1)
Chip Deselect to Output in High-Z
0
60708
ns
tOE
Output Enable to Output Valid
____
6
____
7
____
8ns
tOLZ(1)
Output Enable to Output in Low-Z
0
____
0
____
0
____
ns
tOHZ(1)
Output Disable to Output in High-Z
0
50507
ns
tOH
Output Hold from Address Change
4
____
4
____
4
____
ns
tPU(1)
Chip Select to Power-Up Time
0
____
0
____
0
____
ns
tPD(1)
Chip Deselect to Power-Down Time
____
12
____
15
____
20
ns
WRITE CYCLE
tWC
Write Cycle Time
12
____
15
____
20
____
ns
tAW
Address Valid to End of Write
8
____
12
____
15
____
ns
tCW
Chip Select to End of Write
8
____
12
____
15
____
ns
tAS
Address Set-up Time
0
____
0
____
0
____
ns
tWP
Write Pulse Width
8
____
12
____
15
____
ns
tWR
Write Recovery Time
0
____
0
____
0
____
ns
tDW
Data Valid to End-of-Write
6
____
8
____
9
____
ns
tDH
Data Hold Time
0
____
0
____
0
____
ns
tOW(1)
Output active from End-of-Write
3
____
3
____
4
____
ns
tWHZ(1)
Write Enable to Output in High-Z
0
50508
ns
3514 tbl 09
NOTES:
1. This parameter guaranteed with the AC load (Figure 2) by device characterization, but is not production tested.
2. There is no industrial temperature offering for the 12ns speed grade.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com