Electronic Components Datasheet Search
  English  ▼

X  

71124 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # 71124
Description  CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

71124 Datasheet(HTML) 2 Page - Renesas Technology Corp

  71124 Datasheet HTML 1Page - Renesas Technology Corp 71124 Datasheet HTML 2Page - Renesas Technology Corp 71124 Datasheet HTML 3Page - Renesas Technology Corp 71124 Datasheet HTML 4Page - Renesas Technology Corp 71124 Datasheet HTML 5Page - Renesas Technology Corp 71124 Datasheet HTML 6Page - Renesas Technology Corp 71124 Datasheet HTML 7Page - Renesas Technology Corp 71124 Datasheet HTML 8Page - Renesas Technology Corp 71124 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
6.42
2
71124 CMOS Static RAM
1 Meg (128K x 8-bit) Revolutionary Pinout
Commercial and Industrial Temperature Ranges
Feb.27.20
Capacitance
(TA = +25°C, f = 1.0MHz)
Symbol
Parameter(1)
Conditions
Max.
Unit
CIN
Input Capacitance
VIN = 3dV
8
pF
CI/O
I/O Capacitance
VOUT = 3dV
8
pF
3514 tbl 03
Recommended DC Operating
Conditions
NOTE:
1. Thisparameterisguaranteedbydevicecharacterization,butisnotproductiontested.
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
4.5
5.0
5.5
V
GND
Ground
0
0
0
V
VIH
Input High Voltage
2.2
____
VCC +0.5
V
VIL
Input Low Voltage
-0.5(1)
____
0.8
V
3514 tbl 05
Grade
Temperature
GND
VCC
Commercial
0°C to +70°C
0V
5.0V ± 10%
Industrial
–40°C to +85°C
0V
5.0V ± 10%
3514 tbl 04
Recommended Operating
Temperature and Supply Voltage
Pin Configuration
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS may
cause permanent damage to the device. This is a stress rating only and functional
operation of the device at these or any other conditions above those indicated in the
operationalsectionsofthisspecificationisnotimplied.Exposuretoabsolutemaximum
rating conditions for extended periods may affect reliability.
2. VTERMmust not exceed Vcc + 0.5V.
Truth Table(1,2)
SOJ
Top View
5
6
7
8
9
10
11
12
A0
A1
A2
1
2
3
4
32
31
30
29
28
27
26
25
24
23
22
21
A15
A3
CS
I/O1
VCC
A14
OE
I/O7
I/O6
GND
I/O5
3514 drw 02
GND
13
20
14
19
15
18
16
A7
17
I/O2
I/O3
WE
A4
A5
A6
A12
A11
A10
A9
A8
PBG32
I/O0
A16
A13
VCC
I/O4
,
71124
NOTES:
1. H = VIH, L = VIL, x = Don't care.
2. VLC = 0.2V, VHC = VCC -0.2V.
3. Other inputs ≥ VHC or ≤ VLC.
CS
OE
WE
I/O
Function
LL
H
DATAOUT Read Data
LX
L
DATAIN
Write Data
L
H
H
High-Z
Output Disabled
H
X
X
High-Z
Deselected - Standby (ISB)
VHC(3)
X
X
High-Z
Deselected - Standby (ISB1)
3514 tbl 01
Absolute Maximum Ratings(1)
Symbol
Rating
Value
Unit
VTERM(2)
Terminal Voltage with
Respect to GND
-0.5 to +7.0(2)
V
TA
Operating Temperature
0 to +70
o
C
TBIAS
Temperature
Under Bias
-55 to +125
o
C
TSTG
Storage
Temperature
-55 to +125
o
C
PT
Power Dissipation
1.25
W
IOUT
DC Output Current
50
mA
3514 tbl 02
NOTE:
1. VIL (min.) = –1.5V for pulse width less than 10ns, once per cycle.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com