Electronic Components Datasheet Search
  English  ▼

X  

71124 Datasheet(PDF) 8 Page - Renesas Technology Corp

Part # 71124
Description  CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

71124 Datasheet(HTML) 8 Page - Renesas Technology Corp

  71124 Datasheet HTML 1Page - Renesas Technology Corp 71124 Datasheet HTML 2Page - Renesas Technology Corp 71124 Datasheet HTML 3Page - Renesas Technology Corp 71124 Datasheet HTML 4Page - Renesas Technology Corp 71124 Datasheet HTML 5Page - Renesas Technology Corp 71124 Datasheet HTML 6Page - Renesas Technology Corp 71124 Datasheet HTML 7Page - Renesas Technology Corp 71124 Datasheet HTML 8Page - Renesas Technology Corp 71124 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
6.42
8
71124 CMOS Static RAM
1 Meg (128K x 8-bit) Revolutionary Pinout
Commercial and Industrial Temperature Ranges
Feb.27.20
Datasheet Document History
08/05/99:
Updatedtonewformat
Pg. 3
Removed military entries on DC table
Pg. 4
Removed Note 1 and renumbered footnotes
Pg. 6
Revised footnotes on Write Cycle No. 1 diagram
08/13/99:
Pg. 8
AddedDatasheetDocumentHistory
09/30/99:
Pg. 1, 3, 4, 7
Added 12ns, 15ns, and 20ns industrial temperature speed grade offerings
02/18/00:
Pg. 3
ReviseISBforIndustrialTemperatureofferingstomeetcommercialspecifications
03/14/00:
Pg. 3
RevisedISBtoaccommodatespeedfunctionality
04/01/00:
Pg.4
TightenedtAW,tCW, tWPandtDW withintheACElectricalCharacteristics
08/09/00:
Notrecommendedfornewdesigns
02/01/01:
Removed "Not recommended for new designs"
10/23/08:
Pg.7
Removed "IDT" from the orderable part number
04/02/13:
Pg.1
Removed12nsspeedfromtheIndustrialtempoffering.RemovedIDTinreferencetofabrication
Pg.3
Removed the industrial 12ns speed grade information from the DC Electrical Chars table 07
Pg.4
Added footnote 2 to AC Electrical Chars table 09 to indicate that there is no industrial 12ns speed
Pg.7
Added Tape & Reel and Green designators to the ordering information. Added a footnote to the
orderinginformationtoindicatethatthereisnoindustrial12nsspeedoffering
02/27/20:
Pg. 1-9
RebrandedasRenesasdatasheet
Pg. 2-7
Updatedpackagecode
Pg. 7
AddedIndustrialtempfootnotetotheOrderingInformation
Pg. 7
AddedOrderablePartInformationtable



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com