Electronic Components Datasheet Search
  English  ▼

X  

71124 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 71124
Description  CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

71124 Datasheet(HTML) 7 Page - Renesas Technology Corp

  71124 Datasheet HTML 1Page - Renesas Technology Corp 71124 Datasheet HTML 2Page - Renesas Technology Corp 71124 Datasheet HTML 3Page - Renesas Technology Corp 71124 Datasheet HTML 4Page - Renesas Technology Corp 71124 Datasheet HTML 5Page - Renesas Technology Corp 71124 Datasheet HTML 6Page - Renesas Technology Corp 71124 Datasheet HTML 7Page - Renesas Technology Corp 71124 Datasheet HTML 8Page - Renesas Technology Corp 71124 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
6.42
71124 CMOS Static RAM
1 Meg (128K x 8-bit) Revolutionary Pinout
Commercial and Industrial Temperature Ranges
7
Feb.27.20
S
Power
XX
Speed
X
Package
X
Process/
Temperature
Range
Blank
I(1)
Y
400-mil SOJ (PBG32)
12
15
20
Device
Type
Speed in nanoseconds
3514 drw 09
71124
X
X
G
Green
Blank
8
Tube
Tape and Reel
*
Commercial (0°C to +70°C)
Industrial (-40°C to +85°C)
Ordering Information
* No industrial temp on 12ns speed
Orderable Part Information
Speed
(ns)
Orderable Part ID
Pkg.
Code
Pkg.
Type
Temp.
Grade
12
71124S12YG
PBG32
SOJ
C
71124S12YG8
PBG32
SOJ
C
15
71124S15YG
PBG32
SOJ
C
71124S15YG8
PBG32
SOJ
C
71124S15YGI
PBG32
SOJ
I
71124S15YGI8
PBG32
SOJ
I
20
71124S20YG
PBG32
SOJ
C
71124S20YG8
PBG32
SOJ
C
71124S20YGI
PBG32
SOJ
I
71124S20YGI8
PBG32
SOJ
I
NOTE:
1. Contact your local sales office for industrial temp range for other speeds, packages and powers.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com