Electronic Components Datasheet Search
  English  ▼

X  

71124 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 71124
Description  CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

71124 Datasheet(HTML) 5 Page - Renesas Technology Corp

  71124 Datasheet HTML 1Page - Renesas Technology Corp 71124 Datasheet HTML 2Page - Renesas Technology Corp 71124 Datasheet HTML 3Page - Renesas Technology Corp 71124 Datasheet HTML 4Page - Renesas Technology Corp 71124 Datasheet HTML 5Page - Renesas Technology Corp 71124 Datasheet HTML 6Page - Renesas Technology Corp 71124 Datasheet HTML 7Page - Renesas Technology Corp 71124 Datasheet HTML 8Page - Renesas Technology Corp 71124 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
6.42
71124 CMOS Static RAM
1 Meg (128K x 8-bit) Revolutionary Pinout
Commercial and Industrial Temperature Ranges
5
Feb.27.20
NOTES:
1. WE is HIGH for Read Cycle.
2. Deviceiscontinuouslyselected,CS isLOW.
3. Addressmustbevalidpriortoorcoincidentwiththelaterof CStransitionLOW;otherwisetAAisthelimitingparameter.
4. OEisLOW.
5. Transitionismeasured±200mVfromsteadystate.
Timing Waveform of Read Cycle No. 1(1)
Timing Waveform of Read Cycle No. 2(1,2,4)
ADDRESS
3514 drw 05
OE
CS
DATAOUT
(5)
(5)
(5)
(5)
DATAOUT VALID
HIGH IMPEDANCE
tAA
tRC
tOE
tACS
tOLZ
tCHZ
tCLZ
(3)
tOHZ
VCC SUPPLY
CURRENT
tPU
tPD
ICC
ISB
.
DATAOUT
ADDRESS
3514 drw 06
tRC
tAA
tOH
tOH
DATAOUT VALID
PREVIOUS DATAOUT VALID
.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com