Electronic Components Datasheet Search
  English  ▼

X  

71124 Datasheet(PDF) 6 Page - Renesas Technology Corp

Part # 71124
Description  CMOS Static RAM 1 Meg (128K x 8-Bit) Revolutionary Pinout
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

71124 Datasheet(HTML) 6 Page - Renesas Technology Corp

  71124 Datasheet HTML 1Page - Renesas Technology Corp 71124 Datasheet HTML 2Page - Renesas Technology Corp 71124 Datasheet HTML 3Page - Renesas Technology Corp 71124 Datasheet HTML 4Page - Renesas Technology Corp 71124 Datasheet HTML 5Page - Renesas Technology Corp 71124 Datasheet HTML 6Page - Renesas Technology Corp 71124 Datasheet HTML 7Page - Renesas Technology Corp 71124 Datasheet HTML 8Page - Renesas Technology Corp 71124 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
6.42
6
71124 CMOS Static RAM
1 Meg (128K x 8-bit) Revolutionary Pinout
Commercial and Industrial Temperature Ranges
Feb.27.20
Timing Waveform of Write Cycle No. 1 (WE Controlled Timing
)(1,2,4)
Timing Waveform of Write Cycle No. 2 (CS Controlled Timing)(1,4)
NOTES:
1. A write occurs during the overlap of a LOW CS and a LOW WE.
2. OEis continuously HIGH. During a WE controlled write cycle with OE LOW, tWP must be greater than or equal to tWHZ+ tDW to allow the I/O drivers to turn off and data to be placed
on the bus for the required tDW. If OE is HIGH during a WE controlled write cycle, this requirement does not apply and the minimum write pulse is the specified tWP.
3. During this period, I/O pins are in the output state, and input signals must not be applied.
4. If the CS LOW transition occurs simultaneously with or after the WE LOW transition, the outputs remain in a high impedance state. CS must be active during the tCW write period.
5. Transitionismeasured±200mVfromsteadystate.
ADDRESS
CS
WE
DATAOUT
DATAIN
3514 drw 07
(5)
(2)
(5)
(5)
DATAIN VALID
HIGH IMPEDANCE
tWC
tAW
tAS
tWHZ
tWP
tCHZ
tOW
tDW
tDH
tWR
(3)
(3)
.
CS
ADDRESS
DATAIN
3514 drw 08
tAW
tWC
tCW
tAS
tWR
tDW
tDH
DATAIN VALID
WE
.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com