Electronic Components Datasheet Search
  English  ▼

X  

84021 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # 84021
Description  260MHz, Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

84021 Datasheet(HTML) 4 Page - Renesas Technology Corp

  84021 Datasheet HTML 1Page - Renesas Technology Corp 84021 Datasheet HTML 2Page - Renesas Technology Corp 84021 Datasheet HTML 3Page - Renesas Technology Corp 84021 Datasheet HTML 4Page - Renesas Technology Corp 84021 Datasheet HTML 5Page - Renesas Technology Corp 84021 Datasheet HTML 6Page - Renesas Technology Corp 84021 Datasheet HTML 7Page - Renesas Technology Corp 84021 Datasheet HTML 8Page - Renesas Technology Corp 84021 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
84021 Data Sheet
260MHz, CRYSTAL-TO-LVCMOS/LVTTL FREQUENCY SYNTHESIZER
84021 Rev E 9/23/15
4
©2015 Integrated Device Technology, Inc
Table 2. Pin Characteristics
Function Tables
Table 3A. Parallel and Serial Mode Function Table
NOTE:
L = LOW
H = HIGH
X = Don’t care
 = Rising edge transition
 = Falling edge transition
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
CIN
Input Capacitance
4pF
CPD
Power Dissipation Capacitance
(per output)
VDDO = 3.465V
15
pF
VDDO = 2.625V
15
pF
VDDO = 1.89V
20
pF
RPULLUP
Input Pullup Resistor
51
k
RPULLDOWN
Input Pulldown Resistor
51
k
ROUT
Output Impedance
VDDO = 3.3V ± 5%
7
VDDO = 2.5V ± 5%
7
VDDO = 1.8V ± 5%
10
Inputs
Conditions
MR
nP_LOAD
M
N
S_LOAD
S_CLOCK
S_DATA
H
X
X
X
X
X
X
Reset. Forces outputs LOW.
L
L
Data
Data
X
X
X
Data on M and N inputs passed directly to the M divider and
N output divider. TEST output forced LOW.
L
Data
Data
L
X
X
Data is latched into input registers and remains loaded until
next LOW transition or until a serial event occurs.
LH
X
X
L
Data
Serial input mode. Shift register is loaded with data on
S_DATA on each rising edge of S_CLOCK.
LH
X
X
LData
Contents of the shift register are passed to the M divider and
N output divider.
LH
X
X
L
Data
M divider and N output divider values are latched.
L
H
X
X
L
X
X
Parallel or serial input do not affect shift registers.
LH
X
X
H
Data
S_DATA passed directly to M divider as it is clocked.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com