Electronic Components Datasheet Search
  English  ▼

X  

84021 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # 84021
Description  260MHz, Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

84021 Datasheet(HTML) 5 Page - Renesas Technology Corp

  84021 Datasheet HTML 1Page - Renesas Technology Corp 84021 Datasheet HTML 2Page - Renesas Technology Corp 84021 Datasheet HTML 3Page - Renesas Technology Corp 84021 Datasheet HTML 4Page - Renesas Technology Corp 84021 Datasheet HTML 5Page - Renesas Technology Corp 84021 Datasheet HTML 6Page - Renesas Technology Corp 84021 Datasheet HTML 7Page - Renesas Technology Corp 84021 Datasheet HTML 8Page - Renesas Technology Corp 84021 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 20 page
background image
84021 Data Sheet
260MHz, CRYSTAL-TO-LVCMOS/LVTTL FREQUENCY SYNTHESIZER
84021 Rev E 9/23/15
5
©2015 Integrated Device Technology, Inc
Table 3B. Programmable VCO Frequency Function Table(NOTE 1)
NOTE 1: These M divide values and the resulting frequencies correspond to TEST_CLK or crystal frequency of 25MHz.
Table 3C. Programmable Output Divider Function Table (PLL Enabled)
Table 3D. Commonly Used Configuration Function Table
Table 3E. Output Enable & Clock Enable Function Table
VCO Frequency
(MHz)
M Divide
256
128
64
32
16
8421
M8
M7
M6
M5
M4
M3
M2
M1
M0
625
25
0
0
0011001
•
•
•
•
•••••••
700
28
0
0
0011100
•
•
•
•
•••••••
775
31
0
0
0011111
Inputs
N Divider Value
Output Frequency (MHz)
N1
N0
Minimum
Maximum
0
0
3
206.7
260
0
1
4
155
195
1
0
5
124
156
1
1
6
103.3
130
Inputs
Output Frequency (MHz)
Crystal (MHz)
M Divider Value
N Divider Value
Minimum
19.44
32
4
155.52
19.53125
32
4
156.25
25
25
4
156.25
25
25
5
125
25.50
25
3
212.50
25.50
25
4
159.375
25.50
25
6
106.25
38.88
16
4
155.52
Control Inputs
Output
OE0
OE1
Q0
Q1
0
0
Hi-Z
Hi-Z
0
1
Hi-Z
Enabled
1
0
Enabled
Hi-Z
1
1
Enabled
Enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com