Electronic Components Datasheet Search
  English  ▼

X  

84021 Datasheet(PDF) 11 Page - Renesas Technology Corp

Part # 84021
Description  260MHz, Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

84021 Datasheet(HTML) 11 Page - Renesas Technology Corp

Back Button 84021 Datasheet HTML 7Page - Renesas Technology Corp 84021 Datasheet HTML 8Page - Renesas Technology Corp 84021 Datasheet HTML 9Page - Renesas Technology Corp 84021 Datasheet HTML 10Page - Renesas Technology Corp 84021 Datasheet HTML 11Page - Renesas Technology Corp 84021 Datasheet HTML 12Page - Renesas Technology Corp 84021 Datasheet HTML 13Page - Renesas Technology Corp 84021 Datasheet HTML 14Page - Renesas Technology Corp 84021 Datasheet HTML 15Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
84021 Data Sheet
260MHz, CRYSTAL-TO-LVCMOS/LVTTL FREQUENCY SYNTHESIZER
84021 Rev E 9/23/15
11
©2015 Integrated Device Technology, Inc
Parameter Measurement Information
3.3V Core/3.3V Output Load AC Test Circuit
3.3V Core/1.8V Output Load AC Test Circuit
Output Skew
3.3V Core/2.5V Output Load AC Test Circuit
Period Jitter
Output Rise/Fall Time
SCOPE
Qx
GND
15
Ω
VDD,
1.65V±5%
-1.65V±5%
-
VDDA
VDDO
1.65V±5%
SCOPE
Qx
GND
15
Ω
VDD
VDDA
VDDO
2.4V±5%
-0.9V±5%
0.9V±5%
2.4V±5%
tsk(o)
V
DDO
2
V
DDO
2
Qx
Qy
SCOPE
Qx
GND
15
Ω
VDD
VDDA
VDDO
2.05V±5%
-1.25V±5%
1.25V±5%
2.05V±5%
VOH
VREF
VOL
Mean Period
(First edge after trigger)
Reference Point
(Trigger Edge)
1
σ contains 68.26% of all measurements
2
σ contains 95.4% of all measurements
3
σ contains 99.73% of all measurements
4
σ contains 99.99366% of all measurements
6
σ contains (100-1.973x10-7)% of all measurements
Histogram
20%
80%
80%
20%
tR
t F
Q[0:1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com