Electronic Components Datasheet Search
  English  ▼

X  

84021 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # 84021
Description  260MHz, Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

84021 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button 84021 Datasheet HTML 5Page - Renesas Technology Corp 84021 Datasheet HTML 6Page - Renesas Technology Corp 84021 Datasheet HTML 7Page - Renesas Technology Corp 84021 Datasheet HTML 8Page - Renesas Technology Corp 84021 Datasheet HTML 9Page - Renesas Technology Corp 84021 Datasheet HTML 10Page - Renesas Technology Corp 84021 Datasheet HTML 11Page - Renesas Technology Corp 84021 Datasheet HTML 12Page - Renesas Technology Corp 84021 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
84021 Data Sheet
260MHz, CRYSTAL-TO-LVCMOS/LVTTL FREQUENCY SYNTHESIZER
84021 Rev E 9/23/15
9
©2015 Integrated Device Technology, Inc
Table 7B. AC Characteristics, VDD = 3.3V±5%, VDDO = 2.5V±5%, TA = 0°C to 70°C
NOTE: Electrical parameters are guaranteed over the specified ambient operating temperature range, which is established when the device is
mounted in a test socket with maintained transverse airflow greater than 500 lfpm. The device will meet specifications after thermal equilibrium
has been reached under these conditions.
NOTE 1: Jitter performance using XTAL inputs.
NOTE 2: This parameter is defined in accordance with JEDEC Standard 65.
NOTE 3: Defined as skew between outputs at the same supply voltage and with equal load conditions. Measured at VDDO/2.
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
fOUT
Output Frequency
103.3
260
MHz
tjit(per)
Period Jitter, RMS; NOTE 1, 2
N = 3
11.4
18.8
ps
N = 4
13.3
28.3
ps
N = 5
16.0
39.8
ps
N = 6
19.2
32.4
ps
M=40, N=4, 16.667MHz XTAL,
fOUT=166.67MHz
4.3
6.2
ps
M=40, N=5, 16.667MHz XTAL,
fOUT=133.33MHz
4.5
7.7
ps
tsk(o)
Output Skew; NOTE 2, 3
90
ps
tR / tF
Output Rise/Fall Time
20% to 80%
100
800
ps
tS
Setup Time
M, N to nP_LOAD
5
ns
S_DATA to S_CLOCK
5
ns
S_CLOCK to S_LOAD
5
ns
tH
Hold Time
M, N to nP_LOAD
5
ns
S_DATA to S_CLOCK
5
ns
S_CLOCK to S_LOAD
5
ns
odc
Output Duty Cycle
N
 344
56
%
M=40, N=4, 16.667MHz XTAL,
fOUT=166.67MHz
45
55
%
M=40, N=5, 16.667MHz XTAL,
fOUT=133.33MHz
47
53
%
tLOCK
PLL Lock Time
1ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com