Electronic Components Datasheet Search
  English  ▼

X  

84021 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # 84021
Description  260MHz, Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

84021 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button 84021 Datasheet HTML 8Page - Renesas Technology Corp 84021 Datasheet HTML 9Page - Renesas Technology Corp 84021 Datasheet HTML 10Page - Renesas Technology Corp 84021 Datasheet HTML 11Page - Renesas Technology Corp 84021 Datasheet HTML 12Page - Renesas Technology Corp 84021 Datasheet HTML 13Page - Renesas Technology Corp 84021 Datasheet HTML 14Page - Renesas Technology Corp 84021 Datasheet HTML 15Page - Renesas Technology Corp 84021 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 20 page
background image
84021 Data Sheet
260MHz, CRYSTAL-TO-LVCMOS/LVTTL FREQUENCY SYNTHESIZER
84021 Rev E 9/23/15
12
©2015 Integrated Device Technology, Inc
Parameter Measurement Information, continued
Output Duty Cycle/Pulse Width/Period
Applications Information
Recommendations for Unused Input and Output Pins
Inputs:
Crystal Inputs
For applications not requiring the use of the crystal oscillator input,
both XTAL_IN and XTAL_OUT can be left floating. Though not
required, but for additional protection, a 1k
 resistor can be tied from
XTAL_IN to ground.
TEST_CLK Input
For applications not requiring the use of the test clock, it can be left
floating. Though not required, but for additional protection, a 1k
resistor can be tied from the TEST_CLK to ground.
LVCMOS Control Pins
All control pins have internal pullups or pulldowns; additional
resistance is not required but can be added for additional protection.
A 1k
 resistor can be used.
Outputs:
TEST Output
The unused TEST output can be left floating. There should be no
trace attached.
LVCMOS Outputs
All unused LVCMOS outputs can be left floating. We recommend that
there is no trace attached.
t
PERIOD
t
PW
t
PERIOD
odc =
V
DDO
2
x 100%
t
PW
Q[0:1]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com