Electronic Components Datasheet Search
  English  ▼

X  

84021 Datasheet(PDF) 18 Page - Renesas Technology Corp

Part # 84021
Description  260MHz, Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

84021 Datasheet(HTML) 18 Page - Renesas Technology Corp

Back Button 84021 Datasheet HTML 12Page - Renesas Technology Corp 84021 Datasheet HTML 13Page - Renesas Technology Corp 84021 Datasheet HTML 14Page - Renesas Technology Corp 84021 Datasheet HTML 15Page - Renesas Technology Corp 84021 Datasheet HTML 16Page - Renesas Technology Corp 84021 Datasheet HTML 17Page - Renesas Technology Corp 84021 Datasheet HTML 18Page - Renesas Technology Corp 84021 Datasheet HTML 19Page - Renesas Technology Corp 84021 Datasheet HTML 20Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 18 / 20 page
background image
84021 Data Sheet
260MHz, CRYSTAL-TO-LVCMOS/LVTTL FREQUENCY SYNTHESIZER
84021 Rev E 9/23/15
18
©2015 Integrated Device Technology, Inc
Revision History Sheet
Rev
Table
Page
Description of Change
Date
B
T2
4
12
Pin Characteristics Table - added ROUT rows.
Added Schematic Layout.
Changed XTAL naming convention to XTAL_IN/XTAL_OUT throughout the data sheet.
1/5/04
C
T6
T10
1
2
7
15
Features Section - added Lead-Free bullet.
Updated Parallel & Serial Load Operations Diagram.
Crystal Characteristics Table - added Drive Level.
Ordering Information Table - added Lead-Free package.
6/9/05
D
T4A
T6
T7A - T7C
T10
1
6
6
7
8 - 10
11
12
13
13
14
17
Features section - updated RMS period jitter spec in bullet; added RMS phase jitter bullet.
Block Diagram - added pullups/pulldowns to input pins and added “N” in output divider box.
Absolute Maximum Ratings - updated Inputs, VI.
Power Supply DC Characteristics - updated VDDA, IDD, IDDA and IDDO specs.
Crystal Characteristics - deleted Drive Level row.
Updated Period Jitter, Output Rise/Fall Time and Output Duty Cycle specs. Added thermal
note.
Parameter Measurement Information - corrected Output Load AC Test Circuit diagrams to
coincide with 15
 V
DDA.
Added Recommendations for Unused Input & Output Pins.
Deleted Power Supply Filtering Techniques section, added to schematic layout.
Added Overdriving the XTAL Interface section.
Updated Layout Guideline and diagram.
Ordering Information Table - updated Part/Order Numbers and Marking to revision “B”.
Converted datasheet format.
1/5/11
E
T7A
8
13
AC Characteristics Table - corrected Period Jitter N = 4 spec, from 32.2ps max. to 34.2ps
max.
Deleted Crystal Input Interface section, added to the schematic.
8/18/11
E
T10
17
Ordering Information - removed leaded device.
9/23/15



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com