Electronic Components Datasheet Search
  English  ▼

X  

84021 Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # 84021
Description  260MHz, Crystal-to-LVCMOS/LVTTL Frequency Synthesizer
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

84021 Datasheet(HTML) 7 Page - Renesas Technology Corp

Back Button 84021 Datasheet HTML 3Page - Renesas Technology Corp 84021 Datasheet HTML 4Page - Renesas Technology Corp 84021 Datasheet HTML 5Page - Renesas Technology Corp 84021 Datasheet HTML 6Page - Renesas Technology Corp 84021 Datasheet HTML 7Page - Renesas Technology Corp 84021 Datasheet HTML 8Page - Renesas Technology Corp 84021 Datasheet HTML 9Page - Renesas Technology Corp 84021 Datasheet HTML 10Page - Renesas Technology Corp 84021 Datasheet HTML 11Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
84021 Data Sheet
260MHz, CRYSTAL-TO-LVCMOS/LVTTL FREQUENCY SYNTHESIZER
84021 Rev E 9/23/15
7
©2015 Integrated Device Technology, Inc
Table 4B. LVCMOS/LVTTL DC Characteristics, VDD = 3.3V±5%, VDDO = 3.3V±5%, 2.5V±5% or 1.8V±5%, TA = 0°C to 70°C
NOTE 1: Outputs terminated with 50
 to V
DDO/2. See Parameter Measurement Information section, Output Load Test Circuit diagrams.
Table 5. Input Frequency Characteristics, VDD = 3.3V±5%, VDDO = 3.3V±5%, 2.5V±5% or 1.8V±5%, TA = 0°C to 70°C
NOTE 1: For the input crystal and TEST_CLK frequency range, the M value must be set for the VCO to operate within the 620MHz to 780MHz
range. Using the minimum input frequency of 14MHz, valid values of M are 45
 M  55. Using the maximum input frequency of 40MHz, valid
values of M are 16
 M  19.
Table 6. Crystal Characteristics
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
VIH
Input High Voltage
2
VDD + 0.3
V
VIL
Input
Low Voltage
OE[0:1], N[0:1], M[0:8],
XTAL_SEL, VCO_SEL,
S_DATA, S_CLOCK,
S_LOAD, nP_LOAD, MR
-0.3
0.8
V
TEST_CLOCK
-0.3
1.3
V
IIH
Input
High Current
MR, S_CLOCK,
TEST_CLK, S_DATA,
S_LOAD, nP_LOAD,
M[0:4], M[6:8], N0, N1
VDD = VIN = 3.465V
150
µA
M5, OE0, OE1,
XTAL_SEL, VCO_SEL
VDD = VIN = 3.465V
5
µA
IIL
Input
Low Current
MR, S_CLOCK,
TEST_CLK, S_DATA,
S_LOAD, nP_LOAD,
M[0:4], M[6:8], N0, N1
VDD = 3.465V, VIN = 0V
-5
µA
M5, OE0, OE1,
XTAL_SEL, VCO_SEL
VDD = 3.465V, VIN = 0V
-150
µA
VOH
Output High Voltage; NOTE 1
VDDO = 3.3V±5%
2.6
V
VDDO = 2.5V±5%
1.8
V
VDDO = 1.8V±5%
VDDO - 0.3
V
VOL
Output Low Voltage; NOTE 1
VDDO = 3.3V±5% or 2.5V±5%
0.5
V
VDDO = 1.8V±5%
0.4
V
Symbol
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
fIN
Input Frequency
TEST_CLK; NOTE 1
14
40
MHz
XTAL; NOTE 1
14
40
MHz
S_CLOCK
50
MHz
Parameter
Test Conditions
Minimum
Typical
Maximum
Units
Mode of Oscillation
Fundamental
Frequency
14
40
MHz
Equivalent Series Resistance (ESR)
50
Shunt Capacitance (CO)
7pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com