Electronic Components Datasheet Search
  English  ▼

X  

F1102 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # F1102
Description  This document describes the specifications for the IDTF1178 Zero-DistortionTM RF to IF Downconverting Dual Mixer.
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1102 Datasheet(HTML) 4 Page - Renesas Technology Corp

  F1102 Datasheet HTML 1Page - Renesas Technology Corp F1102 Datasheet HTML 2Page - Renesas Technology Corp F1102 Datasheet HTML 3Page - Renesas Technology Corp F1102 Datasheet HTML 4Page - Renesas Technology Corp F1102 Datasheet HTML 5Page - Renesas Technology Corp F1102 Datasheet HTML 6Page - Renesas Technology Corp F1102 Datasheet HTML 7Page - Renesas Technology Corp F1102 Datasheet HTML 8Page - Renesas Technology Corp F1102 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 22 page
background image
RF to IF Dual Downconverting Mixer
3400MHz –3800MHz
IDT Zero-Distortion
TM Mixer
4
Rev1, December 2014
IDTF1178NBGI
Datasheet
IDTF1178 SPECIFICATION
Typical Application Circuit specifications apply at VCC = +5.00V, TC = +25°C using LS LO. FRF = 3550 MHz, FLO =
3250MHz, FIF = 300MHz, Pin = -10dBm/tone unless otherwise stated, PLO = 0 dBm, STBY = GND, Transformer Loss
not included (de-embedded), RF trace de-embedded unless otherwise noted.
Parameter
Symbol Comment
min
typ
max
units
Logic Input High
3
VIH
For Standby Pins
1.1
V
Logic Input Low
3
VIL
For Standby Pins
0.60
V
Logic Current
IIH, IIL
For Standby Pins
-110
+5
µA
Supply Current
I2CHAN
Total Both Channels
297
345
1
mA
I1CHAN
Single Channel
155
180
ISTBY
STBY = VIH
Total Both Channels
14
24
Power Up Time
TON
• Pin = -13 dBm
• Gate STBY from VIH to VIL
• Time for IF Signal to settle
to within 0.1 dB of final
value
0.38
µsec
Power Down Time
TOFF
• Pin = -13 dBm
• Gate STBY from VIL to VIH
Time for IF Signal to settle
to within 0.1 dB of final
value
0.155
µsec
Conversion Gain
G
7.8
9
10
dB
Gain, Temperature
drift
GDRIFT
Tcase: -40°C to +105°C
0.015
dB/°C
Noise Figure
NF
8.5
dB
Noise Figure - HOT
NFHOT
Tcase = 105°C
10.3
dB
Noise Figure,
Temperature drift
NFDRIFT
Tcase: -40°C to +105°C
0.022
dB/°C
Noise Figure
w/Blocker
NFBLK
+100MHz offset blocker
PIN = +8dBm
18.5
dB
Output IP3
IP3O
5MHz Tone Separation
33
37.5
dBm
2RF – 2LO rejection
2x2
PRF = -10 dBm
Frequency = FRF - ½ FIF
-64
-54
dBc
3RF – 3LO rejection
3x3
PRF = -10 dBm
Frequency = FRF -1/3FIF
-75
-65
dBc
1 dB Compression
P1dBI
Input referred
9
11
dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com