Electronic Components Datasheet Search
  English  ▼

X  

F1102 Datasheet(PDF) 2 Page - Renesas Technology Corp

Part # F1102
Description  This document describes the specifications for the IDTF1178 Zero-DistortionTM RF to IF Downconverting Dual Mixer.
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1102 Datasheet(HTML) 2 Page - Renesas Technology Corp

  F1102 Datasheet HTML 1Page - Renesas Technology Corp F1102 Datasheet HTML 2Page - Renesas Technology Corp F1102 Datasheet HTML 3Page - Renesas Technology Corp F1102 Datasheet HTML 4Page - Renesas Technology Corp F1102 Datasheet HTML 5Page - Renesas Technology Corp F1102 Datasheet HTML 6Page - Renesas Technology Corp F1102 Datasheet HTML 7Page - Renesas Technology Corp F1102 Datasheet HTML 8Page - Renesas Technology Corp F1102 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
RF to IF Dual Downconverting Mixer
3400MHz –3800MHz
IDT Zero-Distortion
TM Mixer
2
Rev1, December 2014
IDTF1178NBGI
Datasheet
ABSOLUTE MAXIMUM RATINGS
Parameter / Condition
Symbol
Min
Max
Unit
VCC to GND
VCC
-0.3
+5.5
V
STBY1, STBY2
VSTBY1, VSTBY2
-0.3
VCC + 0.3
V
IF_A+, IF_B+, IF_A-, IF_B-
VIF_A+,
VIF_B+, VIF_A-,
VIF_B-
+1.0
VCC+ 0.3
V
LO1_ADJ
VLO1_ADJ
+1.0
3.0
V
LO2_ADJ
VLO2_ADJ
+2.1
4.0
V
LO_IN, RF_A, RF_B
VLO_IN, VRF_A,
VRF_B
-0.3
+0.3
V
IF_BiasA, IF_BiasB to GND
VIF_BiasA,
VIF_BiasB
-0.3
+0.3
V
RF Input Power
PLO_IN, PRF_A,
PRF_B
+20
dBm
Continuous Power Dissipation
2.2
W
Operating Temperature Range (Case
Temperature)
TC
-40
+105
°C
Maximum Junction Temperature
TJmax
150
°C
Storage Temperature Range
TST
-65
+150
°C
Lead Temperature (soldering, 10s)
TLEAD
+260°
°C
ESD Voltage– HBM (Per JESD22-A114)
VESDHBM
Class 2
(2500V)
ESD Voltage – CDM (Per JESD22-C101)
VESDCDM
Class C3
(1000V)
Stresses above those listed above may cause permanent damage to the device. Functional operation of the device at
these or any other conditions above those indicated in the operational section of this specification is not implied.
Exposure to absolute maximum rating conditions for extended periods may affect device reliability.
PACKAGE THERMAL AND MOISTURE CHARACTERISTICS
θJA (Junction – Ambient)
35°C/W
θJC (Junction – Case) The Case is defined as the exposed paddle
2.5°C/W
Moisture Sensitivity Rating (Per J-STD-020)
MSL 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com