Electronic Components Datasheet Search
  English  ▼

X  

F1102 Datasheet(PDF) 19 Page - Renesas Technology Corp

Part # F1102
Description  This document describes the specifications for the IDTF1178 Zero-DistortionTM RF to IF Downconverting Dual Mixer.
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1102 Datasheet(HTML) 19 Page - Renesas Technology Corp

Back Button F1102 Datasheet HTML 14Page - Renesas Technology Corp F1102 Datasheet HTML 15Page - Renesas Technology Corp F1102 Datasheet HTML 16Page - Renesas Technology Corp F1102 Datasheet HTML 17Page - Renesas Technology Corp F1102 Datasheet HTML 18Page - Renesas Technology Corp F1102 Datasheet HTML 19Page - Renesas Technology Corp F1102 Datasheet HTML 20Page - Renesas Technology Corp F1102 Datasheet HTML 21Page - Renesas Technology Corp F1102 Datasheet HTML 22Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
RF to IF Dual Downconverting Mixer
3400MHz –3800MHz
IDT Zero-Distortion
TM Mixer
19
Rev1, December 2014
IDTF1178NBGI
Datasheet
EVKIT & TYPICAL APPLICATION SCHEMATIC
L1
L2
C11
C17
U1
RF_A
1
GND
2
GND
3
NC
4
GND
5
NC
6
GND
7
GND
8
RF_B
9
NC
27
NC
26
NC
25
STBY 2
24
GND
23
STBY 1
22
Vcc
21
GND
20
LO_In
19
T1
1
6
2
3
4
C2
C19
C3
J2
1
C9
VCC
R12
C1
VCC
VCC
C8
J6
1
J5
1
J4
1
R15
JP8
1
2
3
R16
C5
C10
R8
R9
VCC
VCC
C12
C7
J3
1
JP6
1
2
3
JP2
T2
1
6
2
3
4
J1
1
C4
VCC
R11
L3
L4
VCC
C16
C14
C15
JP3
C18
J7
1
JP7
1
2
3
JP5
1
2
3
VCC
C13
R14
R13
R17
R18
C6
VCC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com