Electronic Components Datasheet Search
  English  ▼

X  

F1102 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # F1102
Description  This document describes the specifications for the IDTF1178 Zero-DistortionTM RF to IF Downconverting Dual Mixer.
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1102 Datasheet(HTML) 5 Page - Renesas Technology Corp

  F1102 Datasheet HTML 1Page - Renesas Technology Corp F1102 Datasheet HTML 2Page - Renesas Technology Corp F1102 Datasheet HTML 3Page - Renesas Technology Corp F1102 Datasheet HTML 4Page - Renesas Technology Corp F1102 Datasheet HTML 5Page - Renesas Technology Corp F1102 Datasheet HTML 6Page - Renesas Technology Corp F1102 Datasheet HTML 7Page - Renesas Technology Corp F1102 Datasheet HTML 8Page - Renesas Technology Corp F1102 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 22 page
background image
RF to IF Dual Downconverting Mixer
3400MHz –3800MHz
IDT Zero-Distortion
TM Mixer
5
Rev1, December 2014
IDTF1178NBGI
Datasheet
IDTF1178 SPECIFICATION (CONTINUED)
Typical Application Circuit specifications apply at VCC = +5.00V, TC = +25°C using LS LO. FRF = 3550 MHz, FLO =
3250MHz, FIF = 300MHz, Pin = -10dBm/tone unless otherwise stated, PLO = 0 dBm, STBY = GND, Transformer Loss
not included (de- embedded), RF trace de-embedded unless otherwise noted.
Parameter
Symbol Comment
min
typ
max
units
RF Input Impedance
ZRF
Single Ended
50
RF Input Return Loss
RLRF
No external matching
18
dB
IF Output Impedance
ZIF
Differential
200
IF Output Return Loss
RLIF
No external matching
13
dB
LO Port Impedance
ZLO
Single Ended
50
LO Port Return Loss
LORF
No external matching
14
dB
Channel Isolation
ISOC
IF_B Pout vs. IF_A w/
RF_A input
40
44
dB
LO to IF leakage
ISOLI
-30
-25
dBm
RF to IF leakage
ISORI
Relative to IF Pout
-50
-40
dBc
LO to RF leakage
ISOLR
-30
dBm
1 – Items in min/max columns in bold italics are Guaranteed by Test
2 – All other Items in min/max columns are Guaranteed by Design Characterization
3 – JEDEC 1.8V logic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com