Electronic Components Datasheet Search
  English  ▼

X  

F1102 Datasheet(PDF) 12 Page - Renesas Technology Corp

Part # F1102
Description  This document describes the specifications for the IDTF1178 Zero-DistortionTM RF to IF Downconverting Dual Mixer.
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1102 Datasheet(HTML) 12 Page - Renesas Technology Corp

Back Button F1102 Datasheet HTML 8Page - Renesas Technology Corp F1102 Datasheet HTML 9Page - Renesas Technology Corp F1102 Datasheet HTML 10Page - Renesas Technology Corp F1102 Datasheet HTML 11Page - Renesas Technology Corp F1102 Datasheet HTML 12Page - Renesas Technology Corp F1102 Datasheet HTML 13Page - Renesas Technology Corp F1102 Datasheet HTML 14Page - Renesas Technology Corp F1102 Datasheet HTML 15Page - Renesas Technology Corp F1102 Datasheet HTML 16Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
RF to IF Dual Downconverting Mixer
IDT Zero-Distortion
TM Mixer
TYPICAL OPERATION CONDITIONS [
Lo-RF Leakage vs. TCASE
Lo-RF Leakage vs. VCC
ICC vs. VCC
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
3.00
3.10
3.20
3.30
3.40
3.50
3.60
3.70
Lo Freq (GHz)
105degC - 5.0V - 0dBm - CHA
105degC - 5.0V
25degC - 5.0V - 0dBm - CHA
25degC - 5.0V
-40degC - 5.0V - 0dBm - CHA
-40degC - 5.0V
-50
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
3.00
3.10
3.20
3.30
3.40
3.50
3.60
3.70
Lo Freq (GHz)
25degC - 4.75V - 0dBm - CHA
25degC - 4.75V
25degC - 5.0V - 0dBm - CHA
25degC - 5.0V
25degC - 5.25V - 0dBm - CHA
25degC - 5.25V
0.2
0.22
0.24
0.26
0.28
0.3
0.32
0.34
0.36
0.38
0.4
3300
3350
3400
3450
3500
3550
3600
3650
3700
3750
RF Freq (MHz)
25degC - 4.75V - 0dBm
25degC - 5.0V - 0dBm
25degC
RF to IF Dual Downconverting Mixer
3400MHz
12
IDTF
[IF =300MHZ, LOW SIDE INJECTION] (-5-)
Lo-RF Leakage vs. LO Level
ICC vs. TCASE
ICC vs. LO Level
3.70
3.80
3.90
4.00
5.0V - 0dBm - CHB
5.0V - 0dBm - CHB
5.0V - 0dBm - CHB
3.70
3.80
3.90
4.00
4.75V - 0dBm - CHB
5.0V - 0dBm - CHB
5.25V - 0dBm - CHB
3750
3800
3850
3900
25degC - 5.25V - 0dBm
0.2
0.22
0.24
0.26
0.28
0.3
0.32
0.34
0.36
0.38
0.4
3300
3350
3400
3450
3500
3550
3600
RF Freq (MHz)
105degC - 5.0V - 0dBm
25degC
0.2
0.22
0.24
0.26
0.28
0.3
0.32
0.34
0.36
0.38
0.4
3300
3350
3400
3450
3500
3550
3600
RF Freq (MHz)
25degC - 5.0V - 0dBm
25degC
3400MHz –3800MHz
Rev1, December 2014
IDTF1178NBGI
Datasheet
RF Leakage vs. LO Level
3600
3650
3700
3750
3800
3850
3900
RF Freq (MHz)
25degC - 5.0V - 0dBm
-40degC - 5.0V - 0dBm
3600
3650
3700
3750
3800
3850
3900
RF Freq (MHz)
25degC - 5.0V - 3dBm
25degC - 5.0V - -3dBm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com