Electronic Components Datasheet Search
  English  ▼

X  

F1102 Datasheet(PDF) 17 Page - Renesas Technology Corp

Part # F1102
Description  This document describes the specifications for the IDTF1178 Zero-DistortionTM RF to IF Downconverting Dual Mixer.
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1102 Datasheet(HTML) 17 Page - Renesas Technology Corp

Back Button F1102 Datasheet HTML 13Page - Renesas Technology Corp F1102 Datasheet HTML 14Page - Renesas Technology Corp F1102 Datasheet HTML 15Page - Renesas Technology Corp F1102 Datasheet HTML 16Page - Renesas Technology Corp F1102 Datasheet HTML 17Page - Renesas Technology Corp F1102 Datasheet HTML 18Page - Renesas Technology Corp F1102 Datasheet HTML 19Page - Renesas Technology Corp F1102 Datasheet HTML 20Page - Renesas Technology Corp F1102 Datasheet HTML 21Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 22 page
background image
RF to IF Dual Downconverting Mixer
3400MHz –3800MHz
IDT Zero-Distortion
TM Mixer
17
Rev1, December 2014
IDTF1178NBGI
Datasheet
PIN DESCRIPTION TABLE
Pin
Name
Function
1
RF_A
Main Channel RF Input. Internally matched to 50 . DO NOT
apply DC to this pin. Place the coupling capacitor close as close
to the pin as possible.
2, 3, 5, 7, 8,
18, 20, 23, 28
GND
Ground these pins.
4, 6, 12, 15,
25, 26, 27,
31, 34
N.C.
No Connection. Not internally connected. OK to connect to Vcc.
OK to connect to GND.
10, 16, 21, 30,
36
VCC
Power Supply. Bypass to GND with capacitors shown in the
Typical Application Circuit as close as possible to pin.
9
RF_B
Diversity Channel RF Input. Internally matched to 50 . DO NOT
apply DC to this pin. Place the coupling capacitor close as close
to the pin as possible.
11
IF_BiasB
Connect the specified resistor from this pin to ground to set the
bias for the Diversity IF amplifier. This is NOT a current set
resistor.
13, 14
IFB+, IFB-
Diversity Mixer Differential IF Output. Connect pullup inductors
from each of these pins to VCC (see the Typical Application
Circuit).
17
LO1_ADJ
Connect the specified resistor from this pin to ground to set the
first stage LO common buffer Icc.
19
LO_in
Local Oscillator Input. Connect the LO to this port through the
recommended coupling capacitor. DO NOT apply DC to this pin.
22
STBY1
STBY control pin 1. See STBY Logic Table for desired setting
24
STBY2
STBY control pin 2. See STBY Logic Table for desired setting
29
LO2_ADJ
Connect the specified resistor from this pin to ground to set the
first stage LO common buffer Icc.
32, 33
IFA-, IFA+
Main Mixer Differential IF Output. Connect pullup inductors from
each of these pins to VCC (see the Typical Application Circuit).
35
IF_BiasA
Connect the specified resistor from this pin to ground to set the
bias for the Main IF amplifier. This is NOT a current set resistor.
— EP
Exposed Pad. Internally connected to GND. Solder this exposed
pad to a PCB pad that uses multiple ground vias to provide heat
transfer out of the device into the PCB ground planes. These
multiple via grounds are also required to achieve the noted RF
performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com