Electronic Components Datasheet Search
  English  ▼

X  

F1102 Datasheet(PDF) 10 Page - Renesas Technology Corp

Part # F1102
Description  This document describes the specifications for the IDTF1178 Zero-DistortionTM RF to IF Downconverting Dual Mixer.
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

F1102 Datasheet(HTML) 10 Page - Renesas Technology Corp

Back Button F1102 Datasheet HTML 6Page - Renesas Technology Corp F1102 Datasheet HTML 7Page - Renesas Technology Corp F1102 Datasheet HTML 8Page - Renesas Technology Corp F1102 Datasheet HTML 9Page - Renesas Technology Corp F1102 Datasheet HTML 10Page - Renesas Technology Corp F1102 Datasheet HTML 11Page - Renesas Technology Corp F1102 Datasheet HTML 12Page - Renesas Technology Corp F1102 Datasheet HTML 13Page - Renesas Technology Corp F1102 Datasheet HTML 14Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 22 page
background image
RF to IF Dual Downconverting Mixer
3400MHz –3800MHz
IDT Zero-Distortion
TM Mixer
10
Rev1, December 2014
IDTF1178NBGI
Datasheet
TYPICAL OPERATION CONDITIONS [IF =300MHZ, LOW SIDE INJECTION] (-3-)
2
nd Harmonic vs. T
CASE
2
nd Harmonic vs. V
CC
3
rd Harmonic vs. Lo Level
2
nd Harmonic vs. LO Level
3
rd Harmonic vs. T
CASE
3
rd Harmonic vs. V
CC
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
3300
3350
3400
3450
3500
3550
3600
3650
3700
3750
3800
3850
3900
RF Freq (MHz)
105degC - 5.0V - 0dBm - CHA
105degC - 5.0V - 0dBm - CHB
25degC - 5.0V - 0dBm - CHA
25degC - 5.0V - 0dBm - CHB
-40degC - 5.0V - 0dBm - CHA
-40degC - 5.0V - 0dBm - CHB
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
3300
3350
3400
3450
3500
3550
3600
3650
3700
3750
3800
3850
3900
RF Freq (MHz)
25degC - 4.75V - 0dBm - CHA
25degC - 4.75V - 0dBm - CHB
25degC - 5.0V - 0dBm - CHA
25degC - 5.0V - 0dBm - CHB
25degC - 5.25V - 0dBm - CHA
25degC - 5.25V - 0dBm - CHB
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
3300
3350
3400
3450
3500
3550
3600
3650
3700
3750
3800
3850
3900
RF Freq (MHz)
25degC - 5.0V - 0dBm - CHA
25degC - 5.0V - 0dBm - CHB
25degC - 5.0V - 3dBm - CHA
25degC - 5.0V - 3dBm - CHB
25degC - 5.0V - -3dBm - CHA
25degC - 5.0V - -3dBm - CHB
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
3300
3350
3400
3450
3500
3550
3600
3650
3700
3750
3800
3850
3900
RF Freq (MHz)
25degC - 5.0V - 0dBm - CHA
25degC - 5.0V - 0dBm - CHB
25degC - 5.0V - 3dBm - CHA
25degC - 5.0V - 3dBm - CHB
25degC - 5.0V - -3dBm - CHA
25degC - 5.0V - -3dBm - CHB
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
3300
3350
3400
3450
3500
3550
3600
3650
3700
3750
3800
3850
3900
RF Freq (MHz)
105degC - 5.0V - 0dBm - CHA
105degC - 5.0V - 0dBm - CHB
25degC - 5.0V - 0dBm - CHA
25degC - 5.0V - 0dBm - CHB
-40degC - 5.0V - 0dBm - CHA
-40degC - 5.0V - 0dBm - CHB
-100
-90
-80
-70
-60
-50
-40
-30
-20
-10
0
3300
3350
3400
3450
3500
3550
3600
3650
3700
3750
3800
3850
3900
RF Freq (MHz)
25degC - 4.75V - 0dBm - CHA
25degC - 4.75V - 0dBm - CHB
25degC - 5.0V - 0dBm - CHA
25degC - 5.0V - 0dBm - CHB
25degC - 5.25V - 0dBm - CHA
25degC - 5.25V - 0dBm - CHB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com