Electronic Components Datasheet Search
  English  ▼

X  

DA7218 Datasheet(PDF) 36 Page - Renesas Technology Corp

Part # DA7218
Description  Ultra-Low Power Stereo Codec
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7218 Datasheet(HTML) 36 Page - Renesas Technology Corp

Back Button DA7218 Datasheet HTML 32Page - Renesas Technology Corp DA7218 Datasheet HTML 33Page - Renesas Technology Corp DA7218 Datasheet HTML 34Page - Renesas Technology Corp DA7218 Datasheet HTML 35Page - Renesas Technology Corp DA7218 Datasheet HTML 36Page - Renesas Technology Corp DA7218 Datasheet HTML 37Page - Renesas Technology Corp DA7218 Datasheet HTML 38Page - Renesas Technology Corp DA7218 Datasheet HTML 39Page - Renesas Technology Corp DA7218 Datasheet HTML 40Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 198 page
background image
DA7218
Ultra-Low Power Stereo Codec
Datasheet
Revision 3.4
24-Dec-2021
CFR0011-120-00
36 of 197
© 2021 Renesas Electronics
9.3.1.3
Automatic Level Control
For improved sound recordings of signals with a large volume range, the DA7218 offers a fully-
configurable automatic recording level control (ALC) for microphone inputs. This is enabled via the
ALC_CTRL1, and can be enabled independently on any of the four input channels. The ALC
monitors the digital signal after the ADC and adjusts the microphones’ analog and digital gain to
maintain a constant recording level, regardless of the analog input signal level.
Operation of ALC is illustrated in Figure 11. When the input signal volume is high, the ALC system
will reduce the overall gain until the output volume is below the specified maximum value. When the
input signal volume is low, the ALC will increase the gain until the output volume increases above the
specified minimum value. If the output signal is within the desired signal level (between the specified
minimum and maximum levels), the ALC does nothing.
The minimum and the maximum thresholds that trigger a gain change of the ALC are programmed
by the alc_threshold_min and alc_threshold_max controls.
ALC Input
ALC Gain
ALC Output
Release time
Attack time
Figure 11: Principle of Operation of the ALC
The ALC can operate in two modes; Digital-Only mode and Hybrid (combined analog and digital
gain) mode.
In Digital-Only mode only the digital gain in the ADC is altered. Note that although the ALC is
controlling the gain, it does not modify any of the registers in_1l_digital_gain, in_1r_digital_gain,
in_2l_digital_gain, or in_2r_digital_gain. These registers are ignored while the ALC is in operation.
The minimum and maximum levels of digital gain that can be applied by the ALC are controlled using
alc_atten_max and alc_gain_max.
When using analog microphones, Hybrid mode can be enabled using alc_sync_mode. See section
9.3.1.5 for details on ALC calibration in Hybrid mode.
In Hybrid mode, the total gain is made up of an analog gain (which is applied to the microphone
amplifiers) and a digital gain, (which is implemented in the filtering stage).The ALC block monitors
and controls the gain of the microphone and the ADC. Note that although the ALC is controlling the
gain, it does not modify any of the registers mixin_1_amp_gain or mixin_2_amp_gain, nor does it
modify any of the digital gain registers in_1l_digital_gain, in_1r_digital_gain, in_2l_digital_gain, or
in_2r_digital_gain. These registers are ignored while the ALC is in operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com