Electronic Components Datasheet Search
  English  ▼

X  

DA7218 Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # DA7218
Description  Ultra-Low Power Stereo Codec
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7218 Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button DA7218 Datasheet HTML 93Page - Renesas Technology Corp DA7218 Datasheet HTML 94Page - Renesas Technology Corp DA7218 Datasheet HTML 95Page - Renesas Technology Corp DA7218 Datasheet HTML 96Page - Renesas Technology Corp DA7218 Datasheet HTML 97Page - Renesas Technology Corp DA7218 Datasheet HTML 98Page - Renesas Technology Corp DA7218 Datasheet HTML 99Page - Renesas Technology Corp DA7218 Datasheet HTML 100Page - Renesas Technology Corp DA7218 Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 198 page
background image
DA7218
Ultra-Low Power Stereo Codec
Datasheet
Revision 3.4
24-Dec-2021
CFR0011-120-00
97 of 197
© 2021 Renesas Electronics
Table 104: DAI_CLK_MODE (Page 0: 0x00000090)
Bit
Mode
Symbol
Description
Reset
7
R/W
dai_clk_en
DAI master mode control
0 = Slave mode (BCLK/WCLK inputs)
1 = Master mode (BCLK/WCLK outputs)
0x0
4
R/W
dai_wclk_tri_state
WCLK tri-state control
0 = WCLK state set by the dai_clk_en (WCLK is set as the
output in master mode, and as the input in slave mode)
1 = WCLK forced as an input
0x0
3
R/W
dai_wclk_pol
DAI word clock polarity control
0 = Normal polarity
1 = Inverted polarity
0x0
2
R/W
dai_clk_pol
DAI bit clock polarity control
0 = Normal polarity
1 = Inverted polarity
0x0
1:0
R/W
dai_bclks_per_wclk
Number of BCLK cycles per WCLK period in DAI master
mode
00 = 32 BCLK cycles per WCLK
01 = 64 BCLK cycles per WCLK
10 = 128 BCLK cycles per WCLK
11 = 256 BCLK cycles per WCLK
0x1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com