Electronic Components Datasheet Search
  English  ▼

X  

DA7218 Datasheet(PDF) 61 Page - Renesas Technology Corp

Part # DA7218
Description  Ultra-Low Power Stereo Codec
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7218 Datasheet(HTML) 61 Page - Renesas Technology Corp

Back Button DA7218 Datasheet HTML 57Page - Renesas Technology Corp DA7218 Datasheet HTML 58Page - Renesas Technology Corp DA7218 Datasheet HTML 59Page - Renesas Technology Corp DA7218 Datasheet HTML 60Page - Renesas Technology Corp DA7218 Datasheet HTML 61Page - Renesas Technology Corp DA7218 Datasheet HTML 62Page - Renesas Technology Corp DA7218 Datasheet HTML 63Page - Renesas Technology Corp DA7218 Datasheet HTML 64Page - Renesas Technology Corp DA7218 Datasheet HTML 65Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 61 / 198 page
background image
DA7218
Ultra-Low Power Stereo Codec
Datasheet
Revision 3.4
24-Dec-2021
CFR0011-120-00
61 of 197
© 2021 Renesas Electronics
● PLL_INTEGER holds the seven integer bits
● PLL_FRAC_BOT holds the top bits (MSB) of the fractional part of the divisor
● PLL_FRAC_BOT holds the bottom bits (LSB) of the fractional part of the divisor
9.5.3
Example Calculation of the Feedback Divider Setting:
Example: A codec operating with a sample rate (FS) = 48 kHz and a reference input clock frequency
of 12.288 MHz. The required output frequency is 98.304 MHz.
The reference clock input = 12.288 MHz, which falls in the range 10-20 MHz, so pll_indiv must be set
to 0b010 dividing the reference input frequency by 4 (see Table 48).
The formula for calculating the feedback divider is:
Feedback divider (F) = VCO output frequency * input divider (pll_indiv) / reference input clock
Therefore Feedback divider (F) = (98.304 * 4) / 12.288 = 32
So:
● pll_fbdiv_integer (holding the seven integer bits) = 0x20
● pll_fbdiv_frac_top (holding the top bits (MSB) of the fractional part of the divisor) = 0x00
● pll_fbdiv_frac_bot (holding the bottom bits (LSB) of the fractional part of the divisor) = 0x00
Table 48 shows example register settings that will configure the PLL when using a 13 MHz, 15 MHz
or 19.2 MHz clock. Note that any MCLK input frequency between 2 MHz and 54 MHz is supported.
pll_indiv must be used to reduce the PLL reference frequency to the usable range of 2 MHz to 5 MHz
as shown in Table 48.
Table 48: Example PLL Configurations
MCLK Input
Frequency
(MHz)
System Clock
Frequency
(MHz)
pll_mode
Register
PLL_FRAC_TOP
Register
PLL_FRAC_BOT
Register
PLL_INTEGER
Register
13
11.2896
0x01
0x19
0x45
0x1B
13
12.288
0x01
0x07
0xEA
0x1E
15
11.2896
0x01
0x02
0xB4
0x18
15
12.288
0x01
0x06
0xDC
0x1A
19.2
11.2896
0x01
0x1A
0x1C
0x12
19.2
12.288
0x01
0x0F
0x5C
0x14
9.5.4
Sample Rate Matching PLL Mode (DAI Slave)
Sample rate matching (SRM) mode enables the PLL output clock to be synchronized to the incoming
WCLK signal on the DAI. The SRM PLL mode is enabled by setting pll_mode = 10.
When using the DAI in slave mode with the SRM enabled, removing and re-applying the DAI
interface word clock WCLK may cause the PLL lock to be lost. To re-lock the PLL disable the SRM
(pll_mode = 00), reset the PLL by re-writing to register PLL_INTEGER, and then re-enable the SRM
(pll_mode = 10) after the DAI WCLK has been reapplied.
When switching sample rates between 44.1 kHz and 48 kHz (or between the multiples of these
sample rates), SRM must be disabled then re enabled using register bit pll_mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com