Electronic Components Datasheet Search
  English  ▼

X  

DA7218 Datasheet(PDF) 65 Page - Renesas Technology Corp

Part # DA7218
Description  Ultra-Low Power Stereo Codec
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7218 Datasheet(HTML) 65 Page - Renesas Technology Corp

Back Button DA7218 Datasheet HTML 61Page - Renesas Technology Corp DA7218 Datasheet HTML 62Page - Renesas Technology Corp DA7218 Datasheet HTML 63Page - Renesas Technology Corp DA7218 Datasheet HTML 64Page - Renesas Technology Corp DA7218 Datasheet HTML 65Page - Renesas Technology Corp DA7218 Datasheet HTML 66Page - Renesas Technology Corp DA7218 Datasheet HTML 67Page - Renesas Technology Corp DA7218 Datasheet HTML 68Page - Renesas Technology Corp DA7218 Datasheet HTML 69Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 198 page
background image
DA7218
Ultra-Low Power Stereo Codec
Datasheet
Revision 3.4
24-Dec-2021
CFR0011-120-00
65 of 197
© 2021 Renesas Electronics
SCL
SDA
Figure 26: Timing of I2C START and STOP Conditions
The I2C bus is monitored by DA7218 for a valid SLAVE address whenever the interface is enabled. It
responds with an Acknowledge immediately when it receives its own slave address. The
Acknowledge is achieved by pulling the SDA line LOW during the following clock cycle (white blocks
marked with ‘A’ in Figure 27 to Figure 30).
The protocol for a register write from master to slave consists of a start condition, a slave address
with read/write bit and the 8-bit register address followed by eight bits of data terminated by a STOP
condition (the DA7218 responds to all bytes with an Acknowledge).This is illustrated in Figure 27.
SLAVE addr
W
REG addr
A
DATA
A
P
S = START condition
A = Acknowledge (low)
P = STOP condition
W = Write (low)
Master to Slave
Slave to Master
7-bits
1-bit
8-bits
8-bits
A
S
Figure 27: I2C Byte Write (SDA signal)
When the host reads data from a register it first has to write access DA7218 with the target register
address and then read access DA7218 with a repeated START, or alternatively a second START
condition. After receiving the data the host sends a Not Acknowledge (NAK) and terminates the
transmission with a STOP condition:
S SLAVEaddr W
A
REG addr
A
SLAVEaddr
A
S = START condition
A = Acknowledge (low)
Sr = Repeated START condition
A
* = Not Acknowledge (NAK)
P = STOP condition
W = Write (low)
R = Read (high)
Master to Slave
7-bits
1-bit
8-bits
7-bits
DATA
A
*
Sr
R
1-bit
8-bits
SLAVEaddr
A
7-bits
DATA
P
S
R
1-bit
8-bits
P
A
*
Slave to Master
S SLAVEaddr W
A
REG addr
P
7-bits
1-bit
8-bits
A
Figure 28: Examples of the I2C Byte Read (SDA line)
Consecutive (Page mode) Read-out mode (cif_i2c_write_mode = 0) is initiated from the master by
sending an Acknowledge instead of Not Acknowledge (NAK) after receipt of the data word. The I2C
control block then increments the address pointer to the next I2C address and sends the data to the
master. This enables an unlimited read of data bytes until the master sends a NAK directly after the
receipt of data, followed by a subsequent STOP condition. If a non-existent I2C address is read out,
the DA7218 will return code zero.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com