Electronic Components Datasheet Search
  English  ▼

X  

DA7218 Datasheet(PDF) 13 Page - Renesas Technology Corp

Part # DA7218
Description  Ultra-Low Power Stereo Codec
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7218 Datasheet(HTML) 13 Page - Renesas Technology Corp

Back Button DA7218 Datasheet HTML 9Page - Renesas Technology Corp DA7218 Datasheet HTML 10Page - Renesas Technology Corp DA7218 Datasheet HTML 11Page - Renesas Technology Corp DA7218 Datasheet HTML 12Page - Renesas Technology Corp DA7218 Datasheet HTML 13Page - Renesas Technology Corp DA7218 Datasheet HTML 14Page - Renesas Technology Corp DA7218 Datasheet HTML 15Page - Renesas Technology Corp DA7218 Datasheet HTML 16Page - Renesas Technology Corp DA7218 Datasheet HTML 17Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 198 page
background image
DA7218
Ultra-Low Power Stereo Codec
Datasheet
Revision 3.4
24-Dec-2021
CFR0011-120-00
13 of 197
© 2021 Renesas Electronics
The GND_SENSE trace should run in parallel with the HPL and HPR traces in a differential-style
routing for best common-node noise rejection.
4.4.4
HPLDET
HPLDET is used to detect the insertion or removal of a jack. If used it must be connected to the tip
detect pin in the headphone socket.
If not required it must be left unconnected.
4.5
Charge Pump Pins
4.5.1
HPCSP
HPCSP is the positive output from the headphone charge pump. This pin should be connected to
ground via a reservoir capacitor.
4.5.2
HPCSN
HPCSN is the negative output from the headphone charge pump. If using the charge pump, this pin
must be connected to ground via a reservoir capacitor. If the charge pump is not being used, then
this pin should be tied directly to ground.
4.5.3
HPCFP
HPCFP is one of the flying capacitor connections required by the headphone charge pump. If the
charge pump is in use it must be connected to HPCFN via a capacitor. If the charge pump is not
being used, then this pin can be left floating.
4.5.4
HPCFN
HPCFP is one of the flying capacitor connections required by the headphone charge pump. If the
charge pump is in use it must be connected to HPCFP via a capacitor. If the charge pump is not
being used, then this pin can be left floating.
4.6
References
4.6.1
VMID
VMID is mid-rail reference decoupling capacitor connection.
4.6.2
DACREF
DACREF is the DAC reference decoupling capacitor connection.
4.6.3
VREF
VREF is the bandgap reference decoupling capacitor connection.
4.6.4
MICBIAS1
MICBIAS1 is the first of two MICBIAS outputs. This must be decoupled with a 1
µF capacitor
4.6.5
MICBIAS2
MICBIAS2 is the second of two MICBIAS outputs. This must be decoupled with a 1
µF capacitor.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com