Electronic Components Datasheet Search
  English  ▼

X  

DA7218 Datasheet(PDF) 57 Page - Renesas Technology Corp

Part # DA7218
Description  Ultra-Low Power Stereo Codec
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7218 Datasheet(HTML) 57 Page - Renesas Technology Corp

Back Button DA7218 Datasheet HTML 53Page - Renesas Technology Corp DA7218 Datasheet HTML 54Page - Renesas Technology Corp DA7218 Datasheet HTML 55Page - Renesas Technology Corp DA7218 Datasheet HTML 56Page - Renesas Technology Corp DA7218 Datasheet HTML 57Page - Renesas Technology Corp DA7218 Datasheet HTML 58Page - Renesas Technology Corp DA7218 Datasheet HTML 59Page - Renesas Technology Corp DA7218 Datasheet HTML 60Page - Renesas Technology Corp DA7218 Datasheet HTML 61Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 198 page
background image
DA7218
Ultra-Low Power Stereo Codec
Datasheet
Revision 3.4
24-Dec-2021
CFR0011-120-00
57 of 197
© 2021 Renesas Electronics
9.4.6
Charge Pump Control
The charge pump is enabled by asserting cp_en in the CP_CTRL register. Once enabled, the charge
pump can be controlled manually or automatically. When under manual control (cp_mchange = 00),
the output voltage level is directly determined by cp_mod.
The amount of charge stored, and therefore the voltage generated, by the charge pump is controlled
by the charge pump controller. As the power consumed by devices such as amplifiers is proportional
to v
oltage, significant power savings are available by matching the charge pump’s output with the
system’s power requirement.
Under automatic control, there are three modes of operation that are determined by the cp_mchange
setting. All four modes (one manual and three automatic) are described in Table 43.
Table 43: Charge Pump Output Voltage Control
Charge Pump
Tracking Mode
cp_mchange
Charge Pump Output Voltage
Details
00
Manual
The charge pump’s output voltage is determined by
the settings of cp_mod
01
Voltage level depends on the
programmed gain setting
The charge pump controller monitors the PGA
volume settings and generates the minimum voltage
that is required to drive a full-scale signal at the
current gain level
10
Voltage level depends on the DAC
signal envelope
The charge pump controller monitors the DAC
signal, and generates the voltage that is required to
drive a full-scale output at the current DAC signal
volume level
11
Voltage level depends on the signal
magnitude and the programmed
gain setting
The charge pump monitors both the programmed
volume settings and the actual signal size, and
generates the appropriate output voltage
This is the most power-efficient mode of operation
When cp_mchange is set to 10 (tracking DAC signal size, described in Table 43) or cp_mchange is
set to 11 (tracking the output signal size), the charge pump switches its supply between the VDD rail
and the VDD/2 rail depending on its power requirements. When low output voltages are needed, the
charge pump saves power by using the lower-voltage VDD/2 rail.
The switching point between using the VDD rail and the VDD/2 rail is determined by the
cp_thresh_vdd2 register setting. The switching points determined by cp_thresh_vdd2 vary between
the two cp_mchange modes, and are summarized Table 44 and Table 45.
Table 44: cp_thresh_vdd2 Settings in DAC Signal Tracking Mode (cp_mchange = 10)
cp_thresh_vdd2 Setting
Approximate Switching Point
Notes
0x01
-30 dBFS
Do not use. Very power-inefficient as
nearly always VDD/1
0x03
-24 dBFS
Not recommended. Very power-inefficient
as nearly always VDD/1
0x07
-18 dBFS
May be used but not power efficient
0x0E
-12 dBFS
May be used
0x10
-10 dBFS
Recommended setting
0x3F to 0x13
Reserved, do not use



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com