Electronic Components Datasheet Search
  English  ▼

X  

DA7218 Datasheet(PDF) 40 Page - Renesas Technology Corp

Part # DA7218
Description  Ultra-Low Power Stereo Codec
PDF  198 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

DA7218 Datasheet(HTML) 40 Page - Renesas Technology Corp

Back Button DA7218 Datasheet HTML 36Page - Renesas Technology Corp DA7218 Datasheet HTML 37Page - Renesas Technology Corp DA7218 Datasheet HTML 38Page - Renesas Technology Corp DA7218 Datasheet HTML 39Page - Renesas Technology Corp DA7218 Datasheet HTML 40Page - Renesas Technology Corp DA7218 Datasheet HTML 41Page - Renesas Technology Corp DA7218 Datasheet HTML 42Page - Renesas Technology Corp DA7218 Datasheet HTML 43Page - Renesas Technology Corp DA7218 Datasheet HTML 44Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 198 page
background image
DA7218
Ultra-Low Power Stereo Codec
Datasheet
Revision 3.4
24-Dec-2021
CFR0011-120-00
40 of 197
© 2021 Renesas Electronics
0x17
SIDETONE_BIQ_A21_HI
Upper byte of a21 coefficient for third sidetone biquad stage
0x18
SIDETONE_BIQ_A22_LO
Lower byte of a22 coefficient for third sidetone biquad stage
0x19
SIDETONE_BIQ_A22_HI
Upper byte of a22 coefficient for third sidetone biquad stage
0x1A
SIDETONE_BIQ_B21_LO
Lower byte of b21 coefficient for third sidetone biquad stage
0x1B
SIDETONE_BIQ_B21_HI
Upper byte of b21 coefficient for third sidetone biquad stage
0x1C
SIDETONE_BIQ_B22_LO
Lower byte of b22 coefficient for third sidetone biquad stage
0x1D
SIDETONE_BIQ_B22_HI
Upper byte of b22 coefficient for third sidetone biquad stage
9.3.3
Tone Generator
The tone generator contains two independent Sine Wave Generators (SWGs). Each SWG can
generate a sine wave at a frequency (FREQ) from approximately 1 Hz to 12 kHz according to the
programmed 16-bit value:
● FREQ[15:0] = 216 * fSWG/12000, for SR2 = (8, 12, 16, 24, 32, 48,96) kHz
● FREQ[15:0] = 216 * fSWG/11025, for SR2 = (11.025, 22.05, 44.1, 88.2) kHz
The DA7218 should not be programmed with frequency greater than the Nyquist frequency.
Nyquist frequency = SR2/2
For the first SWG, the FREQ value is stored in two 8-bit registers as freq1_u = FREQ[15:8] and
freq1_l = FREQ[7:0]. The second SWG frequency is programmed in the same way using freq2_u and
freq2_l. The output of the tone generator can come from either of the SWGs, or from a combination
of both of them as specified by swg_sel. In addition the tone generator can produce standard Dual
Tone Multi-Frequency (DTMF) tones using the two SWGs if dtmf_en = 1 and the required keypad
value is programmed in dtmf_reg as shown in Table 34.
Table 34: DTMF Tones Corresponding to dtmf_reg Value
The tone generator can produce 1, 2, 3, 4, 8, 16, or 32 beeps, or a continuous beep, as determined
by beep_cycles. Each beep has an on period from 10 ms to 2 s as programmed in beep_on_per and
an off period from 10 ms to 2 s as programmed in beep_off_per. The tone generator is started by
setting the start_stopn bit, and is halted by clearing this bit. If start_stopn is cleared, the tone
generator stops at the completion of the current beep cycle or at the next zero-cross if the number of
beeps is set to continuous (beep_cycles = 110 or = 111). The start_stopn bit is automatically cleared
once the programmed number of beep cycles has been completed.
The tone generator can also be used to produce an S-ramp by setting swg_sel to 0x03. This function
is required for headphone load detection as described in Section 9.4.5.
9.3.4
System Controller
The system controller (SC) automates the sequencing of the multiple blocks required to set up one or
more particular audio paths. It is an optional feature, and operates by performing register writes with
optimal sequencing and timing, thus eliminating pops and clicks.
SWG2 Freq (Hz)
SWG1 Frequency (Hz)
1209
1336
1477
1633
697
0x1
0x2
0x3
0xA
770
0x4
0x5
0x6
0xB
852
0x7
0x8
0x9
0xC
941
0xE (✴)
0x0
0xF (#)
0xD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com