Electronic Components Datasheet Search
  English  ▼

X  

HC5503 Datasheet(PDF) 3 Page - Renesas Technology Corp

Part # HC5503
Description  Low Cost 24V SLIC For PABX/Key Systems
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC5503 Datasheet(HTML) 3 Page - Renesas Technology Corp

  HC5503 Datasheet HTML 1Page - Renesas Technology Corp HC5503 Datasheet HTML 2Page - Renesas Technology Corp HC5503 Datasheet HTML 3Page - Renesas Technology Corp HC5503 Datasheet HTML 4Page - Renesas Technology Corp HC5503 Datasheet HTML 5Page - Renesas Technology Corp HC5503 Datasheet HTML 6Page - Renesas Technology Corp HC5503 Datasheet HTML 7Page - Renesas Technology Corp HC5503 Datasheet HTML 8Page - Renesas Technology Corp HC5503 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
HC5503
FN4344 Rev 5.00
Page 3 of 17
June 2004
Absolute Maximum Ratings (Note 1)
Thermal Information
Maximum Continuous Supply Voltages
(VBAT) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -60 to 0.5V
(VCC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -0.5 to 15V
(VCC - VBAT) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .75V
Relay Drive Voltage (VRD). . . . . . . . . . . . . . . . . . . . . . . . -0.5 to 15V
Operating Conditions
Operating Temperature Range
HC5503 . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 0°C to 75°C
Relay Driver Voltage (VRD) . . . . . . . . . . . . . . . . . . . . . . . . 5V to 12V
Positive Supply Voltage (VCC). . . . . . . . . . . . . . . . . . 4.75V to 5.25V
Negative Supply Voltage (VBAT) . . . . . . . . . . . . . . . . . .-22V to -26V
High Level Logic Input Voltage . . . . . . . . . . . . . . . . . . . . . . . . . 2.4V
Low Level Logic Input Voltage. . . . . . . . . . . . . . . . . . . . . . . . . . 0.6V
Thermal Resistance (Typical, Note 2)
JA (°C/W)
24 Lead SOIC . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
75
Maximum Junction Temperature . . . . . . . . . . . . . . . . . . . . . . 150°C
Maximum Storage Temperature Range . . . . . . . . . . -65°C to 150°C
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300°C
(SOIC - Lead Tips Only)
Die Characteristics
Transistor Count . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 185
Diode Count. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 36
Die Dimensions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 137 x 102
Substrate Potential . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Connected
Process . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Bipolar-DI
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation of the
device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTES:
1. Absolute maximum ratings are limiting values, applied individually, beyond which the serviceability of the circuit may be impaired. Functional
operability under any of these conditions is not necessarily implied.
2.
JA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
Unless Otherwise Specified, VBAT = -24V, VCC = 5V, AG = BG = DG = 0V, Typical Parameters
TA = 25°C. Min-Max Parameters are Over Operating Temperature Range.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
On Hook Power Dissipation
ILONG = 0 (Note 3), VCC = 5V
-
80
100
mW
Off Hook Power Dissipation
RL = 600, ILONG = 0 (Note 4), VCC = 5V
-
180
200
mW
Off Hook IVCC
RL = 600, ILONG = 0 (Note 3), TA = 0°C
-
-
6.0
mA
Off Hook IVCC
RL = 600, ILONG = 0 (Note 3), TA = 25°C
-
-
4.0
mA
Off Hook IBAT
RL = 600, ILONG = 0 (Notes 3, 4)
-
19
23
mA
Off Hook Loop Current
RL = 400, ILONG = 0 (Note 3)
-
22.9
-
mA
Off Hook Loop Current
RL = 400, VBAT = -21.6V, ILONG = 0 (Note 3),
TA = 25°C
17.5
-
-
mA
Off Hook Loop Current
RL = 200, ILONG = 0 (Note 3)
-
25
30
mA
Fault Currents
TIP to Ground
(Note 4)
-
27.5
-
mA
RING to Ground
-70-
mA
TIP to RING
(Note 4)
-
30
-
mA
TIP and RING to Ground
-
140
-
mA
Ring Relay Drive VOL
IOL = 62mA
-
0.2
0.5
V
Ring Relay Driver Off Leakage
VRD = 12V, RC = 1 = HIGH, TA = 25°C
-
-
25
A
Ring Trip Detection Period
RL = 600(Note 5)
-
2
3
Ring Cycles
Switch Hook Detection Threshold
5
-
10.5
mA
Loop Current During Power Denial
RL = 200
-
2-
mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com