Electronic Components Datasheet Search
  English  ▼

X  

HC5503 Datasheet(PDF) 5 Page - Renesas Technology Corp

Part # HC5503
Description  Low Cost 24V SLIC For PABX/Key Systems
PDF  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HC5503 Datasheet(HTML) 5 Page - Renesas Technology Corp

  HC5503 Datasheet HTML 1Page - Renesas Technology Corp HC5503 Datasheet HTML 2Page - Renesas Technology Corp HC5503 Datasheet HTML 3Page - Renesas Technology Corp HC5503 Datasheet HTML 4Page - Renesas Technology Corp HC5503 Datasheet HTML 5Page - Renesas Technology Corp HC5503 Datasheet HTML 6Page - Renesas Technology Corp HC5503 Datasheet HTML 7Page - Renesas Technology Corp HC5503 Datasheet HTML 8Page - Renesas Technology Corp HC5503 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 17 page
background image
HC5503
FN4344 Rev 5.00
Page 5 of 17
June 2004
Power Supply Rejection Ratio
(Note 4),
30 - 60Hz, RL = 200
VCC to 2-Wire
35
-
-
dB
VCC to Transmit
35
-
-
dB
VBAT to 2-Wire
20
-
-
dB
VBAT to Transmit
20
-
-
dB
VCC to 2-Wire
200 - 16kHz, RL = 200
35
-
-
dB
VCC to Transmit
35
-
-
dB
VBAT to 2-Wire
35
-
-
dB
VBAT to Transmit
35
-
-
dB
Logic Input Current (RS, RC, PD)0V
 VIN 2.4V
-
-
20
A
Logic Inputs
Logic ‘0’ VIL
--
0.8
V
Logic ‘1’ VIH
2.0
-
5.5
V
SHD Output
ILOAD 800A, VCC = 5V
Logic ‘0’ VOL
-0.1
0.4
V
Logic ‘1’ VOH
ILOAD 40A, VCC = 5V
2.7
-
5.0
V
NOTES:
3. ILONG = Longitudinal Current.
4. These parameters are controlled by design or process parameters and are not directly tested. These parameters are characterized upon initial
design release, upon design changes which would affect these characteristics, and at intervals to assure product quality and specification
compliance.
5. Guaranteed by design, not tested.
Electrical Specifications
Unless Otherwise Specified, VBAT = -24V, VCC = 5V, AG = BG = DG = 0V, Typical Parameters
TA = 25°C. Min-Max Parameters are Over Operating Temperature Range. (Continued)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com